Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF59 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF59
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF59 Datasheet HTML 4Page - Hirose Electric DF59 Datasheet HTML 5Page - Hirose Electric DF59 Datasheet HTML 6Page - Hirose Electric DF59 Datasheet HTML 7Page - Hirose Electric DF59 Datasheet HTML 8Page - Hirose Electric DF59 Datasheet HTML 9Page - Hirose Electric DF59 Datasheet HTML 10Page - Hirose Electric DF59 Datasheet HTML 11Page - Hirose Electric DF59 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
B-B
A-A
t=0.3±0.05
B
B
A
A
Vacuum area
Direction of unreeling
4±0.1
2±0.1
4±0.1
0.82±0.2
t=0.2±0.05
2.5±0.2
1.85±0.2
P=5.5±0.2
1.25±0.2
Part No.
HRS No.
Applicable Wire
By Type
Quantity
Treatment
Recommended Wire
Jacket Diameter
Conductor Size Wire Constitution
DF59M-2224PCF 667-0042-8 00
UL10368
Ø1.11 to 1.26mm
22 AWG
17/Ø0.16mm
Reel contact
(Note 1)
10,000/reel
Tin plated
24 AWG
11/Ø0.16mm
DF59M-2224PC
667-0044-3 00
Ø1.26mm
22 AWG
17/Ø0.16mm
Bulk contact
(Note 2)
100/pack
Ø1.11mm
24 AWG
11/Ø0.16mm
DF59M-2628PCF 667-0043-0 00
Ø0.88 to 0.98mm
26 AWG
7/Ø0.16mm
Reel contact
(Note 1)
10,000/reel
28 AWG
7/Ø0.17mm
DF59M-2628PC
667-0045-6 00
Ø0.98mm
26 AWG
7/Ø0.16mm
Bulk contact
(Note 2)
100/pack
Ø0.88mm
28 AWG
7/Ø0.17mm
Note 1 : Please order reel contacts by full reel quantities. (10,000 pcs/reel)
Note 2 : Please order loose piece contacts in full pack. (100 pcs/pack)
Note 3 : Please consult with our sales representative when using wires other than applicable wire.
Note 4 : The strip length is a reference value. Please make adjustments so finished crimps will meet the specified values.
Refer to the crimping quality standards (ATAD-H0778) for details.
■Single Contact Type Right Angle Receptacle (SMT)
■Single Contact Type Crimp Contact
Part No.
HRS No.
DF59M-1S-H(21)
667-0041-5 21
Note 1 : Please order in full reel quantities. (10,000 pcs/reel)
Note 2 : This connector is designed to mate with Crimp contact of DF59M only. (P.8)
1.2±0.2
1±0.2
Vacuum area
2.2±0.3
2.6±0.3
Parallel Arrangement Recommended PCB Layout(
5:1)
PCB end side(Conductor)
The size between pattern : 1.6mm MIN
Pattern
prohibition area
(2.6)
Recommended PCB pattern(
5:1)
Connector outline
1.5±0.05
1.5±0.05
2.6±0.05 
1.2±0.05
[Specification No.]
(21) : Tin plating, emboss packaging
●Packaging Dimensions
●Recommended PCB Dimensions (t=1.6mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com