Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF59 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF59
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59 Datasheet(HTML) 2 Page - Hirose Electric

  DF59 Datasheet HTML 1Page - Hirose Electric DF59 Datasheet HTML 2Page - Hirose Electric DF59 Datasheet HTML 3Page - Hirose Electric DF59 Datasheet HTML 4Page - Hirose Electric DF59 Datasheet HTML 5Page - Hirose Electric DF59 Datasheet HTML 6Page - Hirose Electric DF59 Datasheet HTML 7Page - Hirose Electric DF59 Datasheet HTML 8Page - Hirose Electric DF59 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Product Specifications
Ratings
Current rating
DF59/S/SN
3A
Operating Temperature : -40 to 105ç (Note 1)
Operating Humidity Range : 20 to 80%
DF59M
6A (22 AWG), 5A (24 AWG)
4A (26 AWG), 3A (28 AWG)
Voltage rating
DF59/S/SN
AC/DC 230V (Note 3)
Storage Temperature Range : -10 to 60ç (Note 2)
Storage Humidity Range : 40 to 70% (Note 2)
DF59M
AC/DC 350V (Note 3)
Items
Specifications
Conditions
1.Contact resistance
DF59-
*P-2FC/SP
DF59S/SN
50mø min.
Under 6V DC, must be measured by 100mA
(DC or 1000Hz)
DF59M-1S-H
45mø min.
DF59-
*P-2C
30mø min.
2.Vibration
No electrical discontinuity over 1µs.
Frequency 10 to 55Hz, single amplitude 0.75mm,
3 directions, 10 cycles each
3.Shock
No electrical discontinuity over 1µs.
Acceleration 490 m/s
2, 11ms; duration, sine half-wave
3 cycles in each of the 3 axis.
4.Humidity
■Contact resistance ■Insulation resistance
Temperature 40 ± 2ç, humidity 90 to 95%,
left for 96 hours
DF59-
*P-2FC/SP
DF59S/SN
50mø min.
1000Mø max.
DF59M
45mø min.
DF59-
*P-2C
30mø min.
5.Temperature cycle
■Contact resistance ■Insulation resistance
(-55ç: 30 min. ➝ 5-35ç: 2 to 3 min. ➝85ç:
30 min. ➝5-35ç: 2 to 3 min.)
5 cycles
DF59-
*P-2FC/SP
DF59S/SN
50mø min.
1000Mø max.
DF59M
45mø min.
DF59-
*P-2C
30mø min.
6. Operating Life
■Contact resistance
■Number of insertion and withdrawal force
DF59-
*P-2FC/SP
50mø min.
30 times
DF59-
*P-2FC/SP
DF59S/SN
10 times
DF59M
45mø min.
20 times
DF59-
*P-2C
30mø min.
10 times
7.Resistance to
soldering heat
No melting of resin which affect the performance.
Reflow : Depends on recommended temperature profile.
Hand soldering : Soldering iron temperature 350 ± 10ç, 3 sec.
Note 1 :
Including temperature rise caused by current flow.
Note 2 :
The term “storage” refers to products stored for long period of time prior to mounting and use.
Operating temperature and humidity range covers connectors after installation, storage, shipment or during transportation.
Note 3 : The rated voltage is the applied voltage when connectors are mounted parallel to each other on the PCB with a distance of 1.6mm
or more between them. Hirose recommends his mounting distance.
This mounting distance is required in order to prevent creepage between the printed wiring to maintain an effective voltage of
300V, according to IEC 60664 and JIS C 60664 standards.
Materials / Finish
Items
Parts
Materials
Treatment
UL Specification
Receptacle
DF59
Insulator
LCP
Natural
UL94V-0
Contact
Phosphor bronze
Gold plated
---------------
DF59S
Tin plated
DF59M
Copper Alloy
Floating plug
DF59
Insulator
PBT
White
UL94V-0
Contact
Brass
Gold plated
---------------
DF59S
Insulator
LCP
Natural
UL94V-0
Contact
Brass
Tin plated
---------------
DF59SN
Insulator
LCP
Natural
UL94V-0
Contact
Brass
Tin plated
---------------
Crimp contact
DF59M
Copper Alloy
Short pin
Insulator
PBT
White
UL94V-0
Contact
Brass
Gold plated
---------------
Crimp case
Insulator
PBT
White
UL94V-0
Crimp contact
Contact
Phosphor bronze
Gold plated
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com