Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF62 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF62
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62 Datasheet(HTML) 1 Page - Hirose Electric

  DF62 Datasheet HTML 1Page - Hirose Electric DF62 Datasheet HTML 2Page - Hirose Electric DF62 Datasheet HTML 3Page - Hirose Electric DF62 Datasheet HTML 4Page - Hirose Electric DF62 Datasheet HTML 5Page - Hirose Electric DF62 Datasheet HTML 6Page - Hirose Electric DF62 Datasheet HTML 7Page - Hirose Electric DF62 Datasheet HTML 8Page - Hirose Electric DF62 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2016.7
③
2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62 Series / DF62W Series
■Features
1. The slim, sleek design and smooth contour combine
to complete connections in tight spaces.
These connectors were designed to take full advantage
of small/narrow spaces. The contacts are arranged in a
grid pattern which shortens the diagonal distances and
the body was slimmed down by creating smooth outer
surfaces. This design helps to save precious space and
makes these connectors virtually tangle free. There is
no visible or exposed metal which would eliminate the
possibility of electrical arcing between the connector
and the inside of a metal conduit. (Please refer to Fig. 1
and 2)
2. Secure lock mechanism
The locking structure emits a clear tactile click upon
lock completion. After completion, a second indicator
can be utilized. The socket lock can be visually
checked through the plug window after mating. These
indicators function together to prevent incomplete
mating. (Please refer to Fig. 3)
3. Reliable contact structure
The structure utilizes two contact points to provide
a reliable contact that resists damage from vibration
and rough operation.
4. Robust contact structure
The unique structure provides protection to the
contacts and lance areas, it prevents any bending
or deformity that might occur during mating, the
assembly procedure or while in transportation.
(Please refer to Fig. 4)
5. Multiple variations available
There are several different wire counts available,
giving the designer the variety needed to complete
the application. Protected lock type, panel mount
type and pin header type are also available.
6. Applicator sharing
The applicators for the DF11 and DF59 series (existing
products) can be adapted to accommodate the DF62
series applicators. *Some modifications are required.
Please contact Hirose for additional details.
7. Water-resistant type (DF62W)
IP67 water-resistance occurs only in the mated condition.
(Please refer to Fig. 5)
Compact shape due to 2 × 2.2 grid layout of pins
*Both are 7 contacts with 3A current rating
16
16
Existing
products
DF62
Grid Arrangement
Smooth external
shape
No exposed metal
1.Visual check area
Image of the outward
appearance of the contact
(For non-water-proof type)
(Non-water-resistant type (DF62) contacts)
Designed for easy
contact insertion.
(Water-resistant type (DF62W))
Robust box-shaped contact structure
Waterproof type
(DF62W)
Condensation prevention measure
(Water-resistant type, IP67 rated)
2. Locking is confirmed
by an audible click.
Housing seal
Wire seal
Wire seal
Non-waterproof type
Non-waterproof type
(DF62B, DF62C,
(DF62B, DF62C,
DF62P)
DF62P)
(UL, C-UL Listed)
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5
Visual check
for complete
mating


Similar Part No. - DF62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
Power Rocker Switches
More results

Similar Description - DF62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
WIRE TO WIRE MALE 2 POLES
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
JWPF JST-JWPF Datasheet
83Kb / 2P
2.0mm pitch/Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com