Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF62 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF62
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62 Datasheet(HTML) 2 Page - Hirose Electric

  DF62 Datasheet HTML 1Page - Hirose Electric DF62 Datasheet HTML 2Page - Hirose Electric DF62 Datasheet HTML 3Page - Hirose Electric DF62 Datasheet HTML 4Page - Hirose Electric DF62 Datasheet HTML 5Page - Hirose Electric DF62 Datasheet HTML 6Page - Hirose Electric DF62 Datasheet HTML 7Page - Hirose Electric DF62 Datasheet HTML 8Page - Hirose Electric DF62 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Product Specifications
Ratings
DF62
Current
Rating
(Note 1)
22 AWG : 4A/pin (2 pos.)
3A/pin (3 - 13 pos.)
2.5A/pin (24 pos.)
24 AWG : 2A/pin
26-30 AWG : 1A/pin
Operating Temperature Range
-35 to 105ç (Note 2)
UL/C-UL -35 to 75
℃(Note 2, 5)
Operating Humidity Range
20
∼ 80% (Note 3)
DF62W
Current
Rating
(Note 1)
20 AWG : 5A (2 pos.), 3.5A/pin (3 to 9 pos)
22 AWG : 4A (2 pos.), 3A/pin (3 to 9 pos)
24 AWG : 3.5A (2 pos.), 2A/pin (3 to 9 pos)
26 AWG : 3A (2 pos.), 1A/pin (3 to 9 pos)
Operating Temperature Range
-40 to 105
℃
(Note 2)
UL/C-UL -40 to 75
℃(Note 2, 5)
Operating Humidity Range
20 to 80
%
(Note 3)
Common
Voltage
Rating
Specifications AC/DC 250V
UL File name
UL
:E52653
C-UL : E52653
Storage Temperature Range
-10 to 60ç (Note 4)
UL/C-UL
(Note 5)
AC/DC 29.9V
Storage Humidity Range
40 to 70% (Note 4)
Items
Specifications
Conditions
1. Insulation Resistance
Minimum of 1,000Mø
Measured with DC 500V
2. Withstanding Voltage
No flashover or breakdown
Apply AC 650V for 1 minute
3. Contact
Resistance
Maximum of 30mø
Measured at a maximum of 20mV and 100mA (DC or 1000Hz)
4. Vibration
Resistance
No electrical discontinuity of 1µs or longer
10 cycles in each of three directions at frequency 10-55Hz,
half amplitude 0.75mm
5. Shock
Resistance
No electrical discontinuity of 1µs or longer
Acceleration : 490m/s
2, 11 ms, Semi-sinusoidal 3 axle
direction 3 times each.
6. Humidity
Resistance
Contact Resistance Maximum of 30mø
Insulation Resistance : Minimum of 1,000Mø
Left at temperature 40 ±2ç, humidity 90 to 95%, 96 hours
7. Temperature
Cycles
Contact Resistance : Maximum of 30mø
Insulation Resistance : Minimum of 1,000Mø
-55ç : 30 minutes
→ 5 to 35ç : 2 to 3 minutes → 85ç :
30 minutes
→ 5 to 35ç : 2 to 3 minutes, 5 cycles
8. Durability
Contact Resistance : Maximum of 30mø
Mating/unmating : 30 mating cycles
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines. When isolating power lines into multiple
circuits, current ratings may go above the stated current ratings. Please consult Hirose for specific details before doing this.
Note 2 : Includes the temperature rise of power lines
Note 3 : The connector should be completely dry (no condensation present)
Note 4 : The term “storage” refers to the long-term storage condition of unused products before PCB mounting. The operating
temperature and humidity ranges are applied while in a non-energized state, while in transport or after PCB mounting.
Note 5 : Header type are UL/C-UL pending.
■Materials / Finish
Item
Component
Material
Finish
UL Flammability rating
Socket crimping
contact
Contact
Phosphorous bronze
Gold plating or tin plating
−
Plug crimping
contact
Contact
Phosphorous bronze
Gold plating or tin plating
−
Crimping socket
Insulator
PBT
White
UL94V-0
Crimping plug
Insulator
PBT
Black
UL94V-0
Crimping socket
*
Seal
Silicone rubber
Bengala
−
Crimping plug
*
Header
Insulator
DF62
Straight pin header : Polyamide
Black
UL94V-0
Right angle pin header : PBT
DF62W
PBT
Contact
Copper alloy
Gold plating or tin plating
−
Metal fitting
Brass
Tin plating
−
Seal *
Silicone rubber
Bengala
−
*Waterproof type (DF62W) only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com