Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF63 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF63
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63 Datasheet(HTML) 6 Page - Hirose Electric

  DF63 Datasheet HTML 1Page - Hirose Electric DF63 Datasheet HTML 2Page - Hirose Electric DF63 Datasheet HTML 3Page - Hirose Electric DF63 Datasheet HTML 4Page - Hirose Electric DF63 Datasheet HTML 5Page - Hirose Electric DF63 Datasheet HTML 6Page - Hirose Electric DF63 Datasheet HTML 7Page - Hirose Electric DF63 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
●Recommended wire
UL1007, 1015
●Applicable wire (Tinned, Annealed Copper Wire)
Wire size (Stranded wire conductor)
Jacket diameter
16 AWG(26/0.254)
UL1007(2.5mm)
UL1015(3.2mm)
18 AWG(34/0.18)
UL1007(2.1mm)
UL1015(2.9mm)
20 AWG(21/0.18)
UL1007(1.7mm)
22 AWG(17/0.16)
UL1007(1.5mm)
Crimp Contact for Socket
Part No.
HRS No.
Packaging
Finish
DF63-1618SCF
680-0500-0
4000/reel
Tin plated
DF63-1618SC
680-0514-5
100/pack
DF63-1618SCFA
680-0540-0
4000/reel
Gold plated
DF63-1618SCA
680-0542-0
100/pack
DF63-2022SCF
680-0541-0
4000/reel
Tin plated
DF63-2022SC
Under development
100/pack
DF63-2022SCFA
4000/reel
Gold plated
DF63-2022SCA
100/pack
DF63-2428SCF
Under planning
4000/reel
Tin plated
DF63-2428SC
100/pack
DF63-2428SCFA
4000/reel
Gold plated
DF63-2428SCA
100/pack
Applicable wire gauge mark
16
18
t=0.25
2.96
2.14
P=9.5
Ø2
Crimp Contact for In-line Plug
Part No.
HRS No.
Packaging
Finish
DF63-1618PCF
680-0529-2
4000/reel
Tin plated
DF63-1618PC
680-0536-8
100/pack
DF63-1618PCFA
Under development
4000/reel
Gold plated
DF63-1618PCA
100/pack
DF63-2022PCF
680-0538-3
4000/reel
Tin plated
DF63-2022PC
Under development
100/pack
DF63-2022PCFA
4000/reel
Gold plated
DF63-2022PCA
100/pack
DF63-2428PCF
Under planning
4000/reel
Tin plated
DF63-2428PC
100/pack
DF63-2428PCFA
4000/reel
Gold plated
DF63-2428PCA
100/pack
Applicable wire gauge mark
16
18
P=9.5
4.75
t=0.25
2.14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com