Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF63 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF63
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63 Datasheet(HTML) 8 Page - Hirose Electric

  DF63 Datasheet HTML 1Page - Hirose Electric DF63 Datasheet HTML 2Page - Hirose Electric DF63 Datasheet HTML 3Page - Hirose Electric DF63 Datasheet HTML 4Page - Hirose Electric DF63 Datasheet HTML 5Page - Hirose Electric DF63 Datasheet HTML 6Page - Hirose Electric DF63 Datasheet HTML 7Page - Hirose Electric DF63 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
BMated dimensions
●Board-to-Wire Connection using
the straight pin header
BPrecautions for use
1. The connector could be damaged if it is pulled out forcibly. When it is hard to pull out, push it in slightly first and then depress
the lock and un-mate.
2. When thick, short sections of wire are used, the connector could be deformed due to the force of the wires’ position.
Route cables in such a way that they do twist when being installed.
3. Make sure to turn off the power when mating or un-mating the connector.
4. Please do not touch any area around the contact part with your hand when the power is on; it could be very dangerous.
5. Please contact Hirose representative about the assembly procedure and the instruction manual.
BRated values
Please avoid using the connectors above the ratings. Also, do not insert or pull out energized or “ live” wires.
BOperating environment
Please contact us if you are designing this connector into environmental conditions where high and low temperatures are repeated.
DF63-*S-3.96C
DF63-*P-3.96DSA
8.91
BContact Extraction
■ Contact extraction tool : Flat-bladed screwdriver. 1.2mm blade width or DF-C-PO(B)
■ Intended crimp Contacts : DF63-1618SC(F), DF63-2022SC(F), DF63-1618PC(F), DF63-2022PC(F)
■ Work Method
DF63-*P-3.96DS
DF63-*S-3.96C
(20)
DF63-*S-3.96C
DF63-*EP-3.96C
(11.1)
(29.55)
●Socket to Right Angle Header Connection
●Socket to In-line Plug Connection
1.Refer to the drawing No.1. Insert
correct size contact extraction tool in
the insulator against the molded-in
lance. Deflect the lance as shown.
2.Assure that the lance is deflected to
release the contact and pull-out wire
with the terminated contact.
  Caution There are parts on the crimp contact that can cause injuries,please use cautionwhenunmating the contacts.
1
2
Contact extraction tool
Housing Cross Sectional Diagram
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2015. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com