Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT306/DF60-8 Datasheet(PDF) 10 Page - Hirose Electric

Part # HT306/DF60-8
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-8 Datasheet(HTML) 10 Page - Hirose Electric

Back Button HT306/DF60-8 Datasheet HTML 4Page - Hirose Electric HT306/DF60-8 Datasheet HTML 5Page - Hirose Electric HT306/DF60-8 Datasheet HTML 6Page - Hirose Electric HT306/DF60-8 Datasheet HTML 7Page - Hirose Electric HT306/DF60-8 Datasheet HTML 8Page - Hirose Electric HT306/DF60-8 Datasheet HTML 9Page - Hirose Electric HT306/DF60-8 Datasheet HTML 10Page - Hirose Electric HT306/DF60-8 Datasheet HTML 11Page - Hirose Electric HT306/DF60-8 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
BMated dimensions
BUsage example of sequential contacts
● Wire-to-Board Connection using the straight pin header
● In-line or Wire-to-Wire Connection
DF60-*P-10.16DS(27)
DF60-*S-10.16C
33.5
DF60-*S-10.16C
DF60-*P-10.16DSA(27)
(18)
DF60-*S-10.16C
DF60-*EP-10.16C
(47.1)
DF60A-8PCFA
DF60-****PCFA(##)
Sequential contact as a ground pin.
Standard contact as a connect-sensing pin.
DF60A-8PCFA
DF60-****PCFA(##)
● Wire-to-Board Connection using the right angle pin header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com