Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT306/DF60-8 Datasheet(PDF) 11 Page - Hirose Electric

Part # HT306/DF60-8
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-8 Datasheet(HTML) 11 Page - Hirose Electric

Back Button HT306/DF60-8 Datasheet HTML 4Page - Hirose Electric HT306/DF60-8 Datasheet HTML 5Page - Hirose Electric HT306/DF60-8 Datasheet HTML 6Page - Hirose Electric HT306/DF60-8 Datasheet HTML 7Page - Hirose Electric HT306/DF60-8 Datasheet HTML 8Page - Hirose Electric HT306/DF60-8 Datasheet HTML 9Page - Hirose Electric HT306/DF60-8 Datasheet HTML 10Page - Hirose Electric HT306/DF60-8 Datasheet HTML 11Page - Hirose Electric HT306/DF60-8 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
BPrecautionary notes
1.Recommended soldering
conditions
■ Soldering profile when using an automatic soldering device
Soldering temperature: 260
℃ ; Soldering time: no more than 10 seconds
■ Hand soldering conditions
Temperature of soldering iron: 350±10
℃ , soldering time: no more than 3 seconds
2. Cleaning Conditions
Please refer to the "Wire-to-Board Connector Guide".
Cleaning with IPA is allowed. (Other cleaning agents are not recommended due to the
fact that it may change the push/pull feeling. Please contact us when you use other
cleaning agents. )
3. Wiring condition
Please refer to the "Wire-to-Board Connector Guide" and "DF60 Harness procedure".
 
4. Important notes
■ Caution is required for mating and un-mating the connector without it being mounting
on a PCB. Doing so can damage or deform the contacts.
■ During hand soldering, do not apply excess amounts flux which can migrate on to the
connector.
■ This product may have a slight differences in color depending on the production lot.
This difference does not have any influence on the performance.
■ Please refer to "DF60 Harness procedure" for the handling precautions during mating
and un-mating operations.
5. Handling instructions
Please refer to the "Wire-to-Board Connector Guide”.
6. Right angle pin header
 Precautions for use
Since the lead mounting part has some exposed parts,
please insure sufficient clearance when mounting other
parts near this connector.
7. In-line connector
Panel fixing operation
① Insert a M3 nut from the lateral direction.
②Push the nut in the direction of the arrow.
③Nut insertion is then complete.
④Panel mounting is completed by installing a
connector on the panel cutout hole and
tightening wit a M3 screw. Torque value is
49N·cm max.
Lead part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com