Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT306/DF60-1012 Datasheet(PDF) 5 Page - Hirose Electric

Part # HT306/DF60-1012
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-1012 Datasheet(HTML) 5 Page - Hirose Electric

  HT306/DF60-1012 Datasheet HTML 1Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 2Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 3Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 4Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 5Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 6Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 7Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 8Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
A
A
+
-
B
C
A
A
C
B
+
-
Headers with 1 to 4 pos.
Headers with 5 to 6 pos.
B
A
C
■Right angle pin header
gold plating,
tray packaging
3 pos.
5 pos.
Standard Type
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60-1P-10.16DS(27)
680-3015-1 27
1
——
15.2
8.35
120
Left
Black
DF60-2P-10.16DS(27)
680-3016-4 27
2
10.16
22.36
15.51
72
DF60-3P-10.16DS(27)
680-3017-7 27
3
20.32
32.52
25.67
48
DF60-4P-10.16DS(27)
680-3018-0 27
4
30.48
42.68
35.83
36
DF60-5P-10.16DS(27)
680-3019-2 27
5
40.64
52.84
45.99
24
DF60-6P-10.16DS(27)
680-3020-1 27
6
50.8
63
56.15
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60-2P-10.16DS(45)
680-3016-4 45
2
10.16
22.36
15.51
72
Left
Red
R Type
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60R-2P-10.16DS(27)
680-3043-7 27
2
10.16
22.36
15.51
72
Right
Gray
DF60R-3P-10.16DS(27)
680-3044-0 27
3
20.32
32.52
25.67
48
Note : Please place orders in full lot quantities.
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com