Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT306/DF60-1012 Datasheet(PDF) 8 Page - Hirose Electric

Part # HT306/DF60-1012
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-1012 Datasheet(HTML) 8 Page - Hirose Electric

Back Button HT306/DF60-1012 Datasheet HTML 4Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 5Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 6Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 7Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 8Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 9Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 10Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 11Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
8
8
Applicable wire
gauge mark
7.4±0.3
t=0.5±0.1
6.2±0.3
27±0.3
■Socket crimp contact
■Crimp contact for in-line plugs
Part No.
HRS No.
Applicable wires
UL
Jacket Diameter
Wire size
Core structure
Package style
Quantity
DF60-8SCFA
680-3003-2
UL1283
4.9 to 7.8
8 AWG
7/24/0.26
Reel
700
DF60-8SCA
680-3021-4
7.54
Loose
100
DF60-1012SCFA
680-3014-9
UL1015
4 to 5.2
10 AWG
104/0.26
Reel
900
12 AWG
65/0.26
DF60-1012SCA
680-3022-7
UL1015
4.69
10 AWG
104/0.26
Loose
100
4.04
12 AWG
65/0.26
Note : The applicable wires are tin-plated and annealed.
Note : Please contact our Sales Department when using wires other than those listed.
BApplicable crimping tool
Strip length : 6.5 - 7.5mm
Part No.
HRS No.
A
B
Applicable wires
UL
Jacket Diameter
Wire size
Core structure Package style
Quantity
DF60A-8PCFA
680-3057-0
34.2
28.7
UL1283
4.9
to 7.8
8 AWG
7/24/0.26
Reel
700
DF60-8PCFA(07)
680-3023-0 07
32.7
27.2
DF60-8PCA(07)
680-3048-0 07
7.54
Loose
100
DF60-1012PCFA(07)
680-3024-2 07
32.7
27.2
UL1015
4
to 5.2
10 AWG
104/0.26
Reel
900
12 AWG
65/0.26
DF60-1012PCA(07)
680-3049-3 07
32.7
27.2
UL1015
4.69
10 AWG
104/0.26
Loose
100
4.04
12 AWG
65/0.26
Note : The applicable wires are tin-plated and annealed.
Note : Please contact our Sales Department when using wires other than those listed.
Item
Part No.
HRS No.
Applrcable contact
Remarks
Applicator
AP105-DF60-8
901-4623-5
DF60-8SCFA(##)/PCFA(##)
DF60A-8PCFA
QHS895700H-UP
−
(Note 4) manufaftured by Japan Automatic Machine Co., Ltd.
AP105-DF60-1012 901-4624-8
DF60-1012SCFA(##)/
PCFA(##)
QHS888000K-UP
−
(Note 4) manufaftured by Japan Automatic Machine Co., Ltd.
Hand tool
HT306/DF60-8
550-0301-4
DF60-8SCA/PCA
*Exclusive for UL1283 8AWG
HT306/DF60-1012
550-0307-0
DF60-1012SCA/PCA
*Exclusive for UL1015 10 to 12AWG
Note 1 : Please use a press that generates 3 tons.
Note 2 : Please contact our Sales Department when you are using crimp tools made by other manufacturers.
Note 3 : Please do the crimping operations according to the "Crimping work standards" and "Crimping condition table".
Note 4 : Please contact Japan Automatic Machine Co., Ltd. (hereinafter J.A.M.) through their website regarding crimping issues
when using applicators manufactured by J.A.M. URL http://www.jam-net.co.jp
Strip length : 6.5 - 7.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com