Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3909 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3909
Description  LM3909 LED Flasher/Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3909 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3909 Datasheet HTML 1Page - National Semiconductor (TI) LM3909 Datasheet HTML 2Page - National Semiconductor (TI) LM3909 Datasheet HTML 3Page - National Semiconductor (TI) LM3909 Datasheet HTML 4Page - National Semiconductor (TI) LM3909 Datasheet HTML 5Page - National Semiconductor (TI) LM3909 Datasheet HTML 6Page - National Semiconductor (TI) LM3909 Datasheet HTML 7Page - National Semiconductor (TI) LM3909 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Applications (Continued)(See applications notes below)
Warning Flasher High Voltage Powered
TLH7969 – 4
Typical Operating Conditions
V
a
Nominal
CT
RS
RFB
V
a
RANGE
Flash Hz
6V
2
400 mF
1k
15k
5V – 25V
15V
2
180 mF
39k
1k
13V – 50V
100V
17
180 mF
43k
1k
85V – 200V
1W
15V Flasher
TLH7969 – 5
Note
Nominal flash rate 1 Hz
TLH7969 – 6
Estimated Battery Life
(Continuous 15V Flasher Operation)
Size Cell
Type
Standard
Alkaline
AA
3 months
6 months
C
7 months
15 months
D
13 years
26 years
Note
Estimates are made from our tests and manufacturers
data Conditions are fresh batteries and room temperature Clad
or ‘‘leak-proof’’ batteries are recommended for any application
of five months or more Nickel Cadmium cells are not recom-
mended
APPLICATIONS NOTES
Note 1
All capacitors shown are electrolytic unless marked otherwise
Note 2
Flash rates and frequencies assume a g5% capacitor tolerance Electrolytics may vary b20% to a100% of their stated value
Note 3
Unless noted measurements above are made with a 14V supply a 25 C ambient temperature and an LED with a forward drop of 15V to 17V at 1 mA
forward current
Note 4
Occasionally a flasher circuit will fail to oscillate due to an LED defect that may be missed because it only reduces light output 10% or so Such LEDs can
be identified by a large increase in conduction between 09V and 12V
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com