Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3909 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3909
Description  LM3909 LED Flasher/Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3909 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3909 Datasheet HTML 1Page - National Semiconductor (TI) LM3909 Datasheet HTML 2Page - National Semiconductor (TI) LM3909 Datasheet HTML 3Page - National Semiconductor (TI) LM3909 Datasheet HTML 4Page - National Semiconductor (TI) LM3909 Datasheet HTML 5Page - National Semiconductor (TI) LM3909 Datasheet HTML 6Page - National Semiconductor (TI) LM3909 Datasheet HTML 7Page - National Semiconductor (TI) LM3909 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Applications (Continued) (See applications notes above)
Flashlight Finder
TLH7969 – 10
Note
LM3909 capacitor and LED are installed in a white translucent cap on the flashlight’s back end Only one
contact strip (in addition to the case connection) is needed for flasher power Drawing current through the bulb
simplifies wiring and causes negligible loss since bulb resistance cold is typically less than 2X
4 Parallel LEDs
TLH7969 – 12
Note
Nominal flash rate 13 Hz Average IDRAIN e 2 mA
High Efficiency Parallel Circuit
TLH7969 – 13
Note
Nominal flash rate 15 Hz Average IDRAIN e 15 mA
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com