Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
13
HEAT/COOL TRANSITION
As the device transitions from cooling to heating, the duty cycle of the PWM outputs decrease to a small value and
the H/C outputs remains at ground. When the device transitions to heating mode, the H/C outputs change from zero
volts to VDD and the PWM outputs change to a high duty cycle. The direction of the current flow is reversed, but a
low voltage is maintained across the load. The duty cycle decreases as the part is put further into heating mode to
drive more current through the load. Figure 20 illustrates the transition from cooling to heating.
ZERO-CROSSING REGION
When the differential output voltage is near zero, the control logic in the DRV593 and DRV594 causes the outputs
to change between heating and cooling modes. There are two possible states for the PWM and H/C outputs to obtain
zero volts differentially: both outputs can be at VDD or both outputs can be at ground. Therefore, random noise causes
the outputs to change between the two states when the two input voltages are equal. The outputs switch from zero
to VDD, although not at a fixed frequency rate. Some of the pulses may be wider than others, but the two outputs
(PWM and H/C) track each other to provide zero differential voltage. These uneven pulse widths can increase the
switching noise during the zero-crossing condition.
To avoid this phenomenon, hysteresis should be implemented in the control loop to prevent the device from operating
within this region. Although planning for operation during the zero-crossing is important, the normal operating points
for the DRV593 and DRV594 are outside of this region. For laser temperature/wavelength regulation, the zero volts
output condition is only a concern when the laser temperature or wavelength, relative to the ambient temperature,
requires no heating or cooling from the TEC element.
PWM
VDD
VDD
0
IN -
IN +
0
H/C
VDD
0
Figure 20. Transition From Cooling to Heating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com