Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments DRV593VFPR Datasheet HTML 18Page - Texas Instruments DRV593VFPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
15
LC FILTER IN THE FREQUENCY DOMAIN
The transfer function for a second-order low-pass filter (Figures 17 and 18) is shown in equation (5):
H
LP
(j
w) +
1
– w
w
0
2
) 1
Q
j
w
w
0
) 1
w
0 +
1
LC
w + DRV593 or DRV594 switching frequency
Q
+ quality factor
For the DRV593 and DRV594, the differential output switching frequency is typically selected to be 500 kHz.
The resonant frequency for the filter is typically chosen to be at least one order of magnitude lower than the
switching frequency. equation (5) may then be simplified to give the following magnitude equation (6). These
equations assume the use of the filter in Figure 22.
H
LP dB +
–40 log
fs
fo
fo +
1
2
p LC
fs + 500 kHz (DRV593 or DRV594 switching frequency)
If L=10
µH and C=10 µF, the cutoff frequency is 15.9 kHz, which corresponds to –60 dB of attenuation at the
500 kHz switching frequency. For VDD = 5 V, the amount of ripple voltage at the TEC element is approximately
5 mV.
The average TEC element has a resistance of 1.5
Ω, so the ripple current through the TEC is approximately
3.4 mA. At the 3-A maximum output current of the DRV593 and DRV594, this 5.4 mA corresponds to 0.11%
ripple current, causing less than 0.0001% reduction of the maximum temperature differential of the TEC
element (see equation 4).
LC FILTER IN THE TIME DOMAIN
The ripple current of an inductor may be calculated using equation (7):
DI
L +
V
O
–V
TEC
DTs
L
D
+ duty cycle (0.5 worst case)
Ts + 1 fs + 1 500 kHz
For VO = 5 V, VTEC = 2.5 V, and L = 10 µH, the inductor ripple current is 250 mA. To calculate how much of that
ripple current flows through the TEC element, however, the properties of the filter capacitor must be considered.
For relatively small capacitors (less than 22
µF) with very low equivalent series resistance (ESR, less than
10 m
Ω), such as ceramic capacitors, the following equation (8) may be used to estimate the ripple voltage on
the capacitor due to the change in charge:
DV
C +
p2
2
1–D
fo
fs
2
V
TEC
fo +
1
2
p LC
fs + 500 kHz
D
+ duty cycle
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com