Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PRD
Description  Magnetic blowouts available for switching DC loads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PRD Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PRD Datasheet HTML 1Page - TE Connectivity Ltd PRD Datasheet HTML 2Page - TE Connectivity Ltd PRD Datasheet HTML 3Page - TE Connectivity Ltd PRD Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
06-2016, Rev. 0616
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
PRD Series Power Relay
Contact ratings (continued)
Type
Load
Cycles
UL 5081)
Models with screws or quick connects for main terminals
Code F, AgCdO, 1 pole
50A, 240VAC, general purpose2)
20x103
30A, 277VAC, resistive
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
Code F, AgCdO, 2 pole
50A, 240VAC, general purpose2)
20x103
30A, 240VAC
100x103
20A, 277VAC
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
2) In order to achieve 50A rating with contact code F, termination Code 0 or A is required.
Code H, Ag with magnetic blowout, 1 or 2 pole
20A, 125VDC
100x103
1/3HP, 125VDC
100x103
Code J, AgCdO with magnetic blowout, 1 or 2 pole
20A, 125VDC
100x103
1/3HP, 125VDC
100x103
Code N, W stationary with AgCdO movable, 1 or 2 pole
25A, 250VAC
100x103
1HP, 125VAC
100x103
2HP, 250VAC
100x103
UL 5081)
Models with box lugs for main terminals
Code P, Ag, 1 form X
50A, 277VAC, general purpose
100x103
30A, 277VAC, ballast
6x103
15A, 277VAC, tungsten
6x103
102LRA, 17FLA, 240VAC
30x103
120LRA, 20FLA, 120VAC
30x103
1.5HP, 120VAC
30x103
3HP, 240VAC
30x103
Factory ratings
Models with box lugs for main terminals
Code R, Ag with magnetic blowout, 1 form X
60A, 28VDC, resistive
100x103
30A, 125VDC
100x103
Mechanical endurance
DC Coil, 1x106 ops.; AC Coil 5x105 ops.
Auxiliary Snap-Action Switch Contact Data
Contact arrangement
1 form C (CO)
Rating
5A, 120VAC, 60Hz., 25°C
Contact material
Ag
n
Contact ratings to 50A
n
Magnetic blowouts available for switching DC loads
n
Contact arrangement up to 2 form C (2CO)
n
1 form C auxiliary switch available
n
UL class B insulation
Typical applications
Industrial controls, lighting.
Approvals
UL E22575; CSA LR15734; VDE 40020133 (available only on PRD with DC
coil and Termination code 1)
Models with all screw terminals are UL Listed. Others are UL Recognized.
Technical data of approved types on request.
Contact Data
Contact arrangement
1 and 2 form A (NO); 1 and 2 form C (CO);
1 form X (NO-DM)
Rated voltage
600VAC,125VDC
Rated current
50A
Contact material
Ag, AgCdO, W
Min. recommended contact load
1A, 12VDC or 12VAC
Initial contact resistance
75mΩ max.
Initial voltage drop
75mV
Frequency of operation
7200 ops/hr
Operate/releases time max.
40/20ms
Bounce time max.
10ms
Contact ratings
Type
Load
Cycles
UL 5081)
Models with screws or quick connects for main terminals
Code Y, Ag, 1 pole
25A, 277VAC
100x103
1HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
7A, 50VDC, resistive
100x103
Code Y, Ag, 2 pole
25A, 240VAC
100x103
20A, 277VAC
100x103
1HP, 120VAC
100x103
2HP, 250VAC
100x103
7A, 50VDC, resistive
100x103
10A, 600VAC
100x103
Code G, AgCdO, 1 pole
30A, 277VAC, resistive
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
Code G, AgCdO, 2 pole
30A, 240VAC
100x103
20A, 277VAC
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
1) Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors..


Similar Part No. - PRD

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
1W REGULATED
2015/11/30
logo
Autonics Corporation
PRD AUTONICS-PRD Datasheet
954Kb / 6P
Long distance proximity sensor
logo
Tyco Electronics
PRD MACOM-PRD Datasheet
132Kb / 3P
10 to 50 Amp Heavy Duty AC or DC Power Rela
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
411Kb / 4P
PRD Series Power Relay
06-2015, Rev. 0615
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
PRD Series Power Relay
More results

Similar Description - PRD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
PWM Power Control for DC Loads
logo
Omron Electronics LLC
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
DC Electronic Loads
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
Designed for inductive loads (DC 24 V)
logo
TE Connectivity Ltd
H-26 TEC-H-26 Datasheet
153Kb / 1P
Vacuum dielectric for power switching low current loads
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
DC Loads DC Solid-State Relay
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
Power Optocoupler for Switching High DC Loads up to 5 A
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
DC Electronic Loads
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com