Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRT Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSRT
Description  Low cost snubberless triac outputs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRT Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSRT Datasheet HTML 1Page - TE Connectivity Ltd SSRT Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1103
Potter & Brumfield
Dimensions are shown for
reference purposes only.
Dimensions are in inches
over (millimeters) unless
otherwise specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 03-16)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
1103
Dimensions are in inches
over (millimeters) unless
otherwise specified.
Specifications and availability
subject to change.
Operating Diagrams
Outline Dimensions
1.70
[ 43.2 ]
1.88
[ 47.8 ]
1.00
[ 25.4 ]
1.10
[ 27.9 ]
.49
[ 12.4 ]
.38
[ 9.5 ]
.33
[ 8.3 ]
1.75
[ 44.5 ]
.89
[ 22.6]
.13
[ 3.2 ]
2.25
[ 57.2 ]
.85
[ 21.5 ]
.92
[ 23.3 ]
6-32 TERMINAL & SCREWS
(2 PLACES)
8-32 TERMINAL & SCREWS
(2 PLACES)
.19
[4.9]
MOUNTING
HOLE/SLOT
LED INDICATOR
Output Specification (@ 25°C, unless otherwise specified)
Electrical Characteristics (Thermal Derating Curves)
*See Derating Curves
Parameter
Conditions
Units
Load Voltage Range V
Repetitive Blocking Voltage (Min.)
Thermal Resistance, Junction to Case
(R
) (Max.)
I t Rating
A Sec.
V rms
C/W
V/s
ms
ms
Turn-Off Time (Max.)
I = Max.
θ
2
Turn-On Time (Max.)
L
L
24 - 280
0.5 - 1.0
SSRT-240A10
& SSRT-240D10
SSRT-240A25
& SSRT-240D25
Single Cycle Surge Current (Min.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating
L
t = 8.3 ms
2
f = 60 Hz.
f = 60 Hz.
I = Max.
L
f = 60 Hz. V = Nom.
(120 or 240 V rms)
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
500
.1
8.3 for DC input types, 20 for AC input types
100
250
.1 - 10
.1 - 25
- 600
8.3 for DC input types, 30 for AC input types
41
240
L
2.2
1.7
j-c
Resistive
1.5
1.3
Heatsink Recommendations
• We recommend that solid state relay modules be mounted to a heatsink sufficient to maintain the module’s base temperature at less than 85°C
under worst case ambient temperature and load conditions.
• The heatsink mounting surface should be a smooth (30-40 micro-inch finish), flat (30-40 micro-inch flatness across mating area), un-painted surface
which is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning DC340 or equivalent) should be applied to both the heatsink and module mounting surfaces
and spread to a uniform depth of .002” to eliminate all air pockets.
• The module should be mounted to the heatsink using two#10 screws.
10A Units
25A Units



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com