Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRT Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSRT
Description  Low cost snubberless triac outputs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRT Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSRT Datasheet HTML 1Page - TE Connectivity Ltd SSRT Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102
Potter & Brumfield
Dimensions are shown for
reference purposes only.
Dimensions are in inches
over (millimeters) unless
otherwise specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 03-16)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
1102
Dimensions are in inches
over (millimeters) unless
otherwise specified.
Specifications and availability
subject to change.
Sample Part Number
SSRT -240 D
1. Basic Series:
2. Line Voltage:
3. Input Type & Voltage:
SSRT = “hockey puck” triac output solid state relay
10
4. Maximum Switching Rating:
240 = 24 - 280 VAC
A = 90 - 280 VAC linear
D = 3 - 32 VDC constant current
10 = .1 - 10A rms, mounted to heatsink
25 = .1 - 25A rms, mounted to heatsink
Ordering Information
File E29244
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4000V rms minimum, input - output.
Capacitance: 8.0 pf typical (input to output).
Temperature Range:
Storage: –40°C to +100°C
Operating Temperature: –20°C to + 80°C
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 3.5 oz. (98g).
Features
• Standard “hockey puck” package.
• Enhanced noise immunity (designed to meet level 3 requirements of
European EMC Directive).
• LED indicator.
• Floating terminal design.
• Low cost snubberless triac outputs.
• 10A & 25A rms versions.
• AC & DC input versions.
• 4000V rms isolation.
• New housing design with anti-rotation barriers
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRT-240A10
SSRT-240A25
SSRT-240D10
SSRT-240D25
Parameter
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current (Max.)
3 - 32VDC
Must Operate Voltage V
(Min.)
3VDC
1VDC
15mA
AC Input
DC Input
IN
Zero V Turn-on Units
90 - 280VAC
90VAC
10VAC
15mA
Zero and Random V Turn-on Units
IN(OP)
IN(REL)
SSRT series
“Hockey Puck”
Solid State Relay With
Snubberless Triac Output


Similar Part No. - SSRT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
Hockey Puck Solid State Relay With Snubberless Triac Output
More results

Similar Description - SSRT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
SNUBBERLESS TRIAC
Nov-1996
T1220W STMICROELECTRONICS-T1220W Datasheet
316Kb / 5P
SNUBBERLESS TRIAC
April 1995
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com