Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRQ Datasheet(PDF) 1 Page - Tyco Electronics

Part # SSRQ
Description  Four independent AC output solid state relays in one standard package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRQ Datasheet(HTML) 1 Page - Tyco Electronics

  SSRQ Datasheet HTML 1Page - Tyco Electronics SSRQ Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1108
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Sample Part Number
SSRQ -240
D
1. Basic Series: SSRQ = Quad output SSR - 4 SPST - NO
20
2. Line Voltage: 240 = 24 - 280 VAC
3. Input Type & Voltage: D = 4 - 15VDC, zero voltage turn-on types.
R = 4 - 15VDC, random voltage turn-on types.
4. Maximum Switching Rating/Output: 20 = .05 - 20A rms, mounted to heatsink.
NOTE: 60A max. per package.
5. Options: Blank = Zero voltage turn-on (all sections) Requires "D" input type above.
R
= Random voltage turn-on (all sections) Requires "R" input type above.
Ordering Information
Engineering Data
Form: 4 Form A (4 SPST-NO).
Duty: Continuous.
Isolation: 2500V rms input-to-output-to-ground.
Capacitance: 10.0 pf maximum (input to output).
Temperature Range:
Storage: –40°C to +125°C
Operating: –40°C to + 80°C
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 3.5 oz. (98g).
Features
• Four independent AC output solid state relays in one standard package.
• 20A rms triac outputs.
• 4-15 VDC input control.
• Zero voltage and random voltage turn-on versions.
• 2500V rms optical isolation.
• Quick connect style terminals.
Input Specifications
Parameter
Conditions
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current (Typ.)
Units
VDC
4-15
4
1
12
Must Operate Voltage V
(Min.)
VDC
VDC
mA DC
IN
IN(OP)
IN(REL)
Zero V or Random V Turn-on Units
Input Impedance (Nom.)
330
ohms
@ 25
°C
@ 25
°C
@ 25
°C
@ 25
°C
@ 25
°C
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRQ-240D20
File E29244
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
SSRQ series
Quad AC Output “Hockey Puck”
Solid State Relay With
Triac Outputs


Similar Part No. - SSRQ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSR TEC-SSR Datasheet
474Kb / 2P
Zero voltage and random voltage turn-on versions
logo
FOTEK CONTROLS CO., LTD...
SSR FOTEK-SSR Datasheet
1Mb / 6P
SOLID STATE RELAY
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
Disconnectable Insulation displacement connectors
logo
FOTEK CONTROLS CO., LTD...
SSR FOTEK-SSR Datasheet
2Mb / 5P
Solid State Module
SSR-05DD FOTEK-SSR-05DD Datasheet
1Mb / 5P
Single phase DC to DC Soild State Module
More results

Similar Description - SSRQ

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
SIP SSR 2 Relays in one package with independent control input
ED24DX CRYDOM-ED24DX Datasheet
873Kb / 6P
AC output Solid State Relay in an Industry standard EMR plug in package
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
Tyco Electronics
SSRD MACOM-SSRD Datasheet
51Kb / 2P
Two independent AC output solid state relays in one standard package.
logo
Crydom Inc.,
ED24D1 CRYDOM-ED24D1 Datasheet
671Kb / 6P
AC output Solid State Relay in an Industry standard EMR plug in package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com