Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRQ Datasheet(PDF) 2 Page - Tyco Electronics

Part # SSRQ
Description  Four independent AC output solid state relays in one standard package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRQ Datasheet(HTML) 2 Page - Tyco Electronics

  SSRQ Datasheet HTML 1Page - Tyco Electronics SSRQ Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1109
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
-(B)
OUTPUT C
B1
B2
OUTPUT A
EQUIVALENT CIRCUIT ONLY
ZERO
VOLTAGE
CIRCUIT †
ZERO
VOLTAGE
CIRCUIT †
ZERO
VOLTAGE
CIRCUIT†
ZERO
VOLTAGE
CIRCUIT †
OUTPUT D
OUTPUT B
A1
A2
D1
D2
C1
C2
Random Turn-On Units Have A Random Turn-On Circuit Instead Of A Zero Voltage Circuit
-(A)
-(D)
-(C)
+
COMMON
A1
MTNG HOLE / SLOT 2 PLCS.
.170 (4.3) DIA.
2.3
(58.4)
1.75
(44.45)
.250 (6.35)
Q.C. TERMS
8 PLACES
.025 (.635) SQ. PINS
ON .100 (2.54) CENTERS
A1
C1
C2
B1
B2
D1
D2
DC SEC. A –
DC SEC. B –
– DC SEC. C
+ DC COMM
– DC SEC. D
1.125
(28.57)
1.87
(47.5)
.85
(21.6)
A2
.375
(9.5)
Outline Dimensions
Input Terminals mate with the following
connectors or equivalent:
AMP P/N: 103976-4
Consult your local distributor for connectors.
Operating Diagram
Electrical Characteristics (Thermal Derating Curves)
*See Thermal Derating Curves. Note: While each output section is rated for a maximum of 20A, the maximum output per package is 60A.
Parameter
Conditions
Units
Load Voltage Range V
Repetitive Blocking Voltage (Min.)
Thermal Resistance, Junction to Case (R
) (Max.)
I t Rating
A Sec.
V rms
V/
µs
ms
ms
Turn-Off Time (Max.)
I = Max.
2
Turn-On Time (Max.)
L
L
24-280
Single Cycle Surge Current (Min.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating
L
t = 8.3 ms
2
f = 60 Hz.
f = 60 Hz.
I = Max.
L
f = 60 Hz. V = 280Vrms
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
8.3 for Zero Voltage Turn-On Models
0.1 for Random Voltage Turn-On Models
250
.15-20
- 600
260
J-C
10
1.6
200
1.2
8.3
°C/W
L
All Sections On
0.5 - 1.0
θ
Resistive
V = 280Vrms
L
Output Specifications (@ 25° C, unless otherwise specified)
Heatsink Recommendations
• We recommend that solid state relay modules be
mounted to a heatsink sufficient to maintain the
module’s base temperature at less than 85°C under
worst case ambient temperature and load conditions.
• The heatsink mounting surface should be a smooth
(30-40 micro-inch finish), flat (30-40 micro-inch
flatness across mating area), un-painted surface which
is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning
DC340 or equivalent) should be applied to both the
heatsink and module mounting surfaces and spread to
a uniform depth of .002” to eliminate all air pockets.
• The module should be mounted to the heatsink using
two #10 screws.
Loads Current (A rms)
0
15
30
45
60 0
20
40
60
80
90
80
40
60
20
105
75
Ambient Temp. (
°C)
0.5
°C
/W
1°C
/W
2
°C
/W
3
°C/W
Example #2:
Given: SSRQ24020
Find: Maximum rating mounting to 1.0°C/W HS @ 60°C All
sections ON
Solution: From Thermal Dissipation Graph
Rating mounted to 1.0°C/W HS @ 60°C = 36A total
9A for 4 Sections ON = 36A total
12A for 3 Sections ON = 36A total
Example #1:
Given: IL = Four 7.5A loads @ 60°C
Find: Minimum heatsink required
Solution: From Thermal Dissipation Graph
4 x 7.5A = 30A 4 sections ON
Heatsink = 2°C/W minimum
How To Use These Curves
Knowing maximum load current and maximum ambient temperature, use derating curves to determine required heat sink and maximum allowable base plate
temperature. On left hand power dissipation curve, locate the point corresponding to maximum load current. Extend a line to the right from that point to the
intersection of vertical line on right hand chart corresponding to maximum ambient temperature. From heat sink curve, read directly or extrapolate required heat
sink size. Extend the line farther to the right and read on the right hand scale the maximum allowable base plate temperature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com