Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR5100L-Z41-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR5100L-Z41-R
Description  Low power loss, High efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR5100L-Z41-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR5100L-Z41-R Datasheet HTML 1Page - Unisonic Technologies MBR5100L-Z41-R Datasheet HTML 2Page - Unisonic Technologies MBR5100L-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR5100
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-057.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
100
V
Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Reverse Voltage
VR(RMS)
70
V
DC Blocking Voltage
VR
100
V
Average Rectified Output Current
IO
5.0
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
150
A
Junction Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Typical Thermal Resistance
θJC
25
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
150
V
IF=5A, TC=25°C
0.80
V
Instantaneous Forward Voltage Drop
VFM
IF=5A, TC=125°C
0.75
V
Rated DC Voltage, TC=25°C
50
μA
Peak Reverse Current at Rated DC
Blocking Voltage
IRM
Rated DC Voltage, TC=100°C
10
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com