Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR5100L-Z41-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR5100L-Z41-R
Description  Low power loss, High efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR5100L-Z41-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR5100L-Z41-R Datasheet HTML 1Page - Unisonic Technologies MBR5100L-Z41-R Datasheet HTML 2Page - Unisonic Technologies MBR5100L-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR5100
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R202-057.a
5.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR5100 is a 5.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR5100 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low forward voltage drop, High Current Capability
* Low power loss, High efficiency
* High Surge Capability
*For Use in Low Voltage,High Frequency Inverters and Polarity
Protection Applications.
SYMBOL
DO-41
1
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR5100L-Z41-R
MBR5100G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) B: Tape Box, R: Tape Reel
(2) Z41: DO-41
(3) L: Lead Free, G: Halogen Free and Lead Free
MBR5100L-Z41-B
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
MBR5100
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - MBR5100L-Z41-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR5100 ETC-MBR5100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Sirectifier Semiconduct...
MBR5100 SIRECTIFIER-MBR5100 Datasheet
119Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Compact Technology Corp...
MBR5100 CTC-MBR5100 Datasheet
61Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR5100 PANJIT-MBR5100 Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
MBR5100 CTC-MBR5100 Datasheet
140Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR5100L-Z41-R

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
Low Power loss, High efficiency
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
Low power loss, high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com