Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC331B Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 12Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 13Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 14Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 15Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 16Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
13
DIV1 interrupt selector (If the frequency of divider 1 clock source is 32.768KHz)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00CEH
DIV1_STL
128
Hz
256
Hz
512
Hz
1024
Hz
2048
Hz
4096
Hz
8192
Hz
16384
Hz
√
-
00CFH
DIV1_STH
0.5Hz
1Hz
2Hz
4Hz
8Hz
16Hz
32Hz
64Hz
√
-
00CEH
DIV1x_SEL
CKI7
CKI6
CKI5
CKI4
CKO3
CKO2
CKO1
CKO0
-
√
The divider 1 contents can be reset to 00H by POR, reset, waken from STOP mode and writing
DIV1x_SEL register any value.
CKI7: select the input clock source of divider 1. 0: FOSC/x (00CE H), 1: FX32
CKI6
CKI5
CKI4
Selected DIV1 input frequency
0
0
0
FOSC / 1
0
0
1
FOSC / 2
0
1
0
FOSC / 4
0
1
1
FOSC / 8
1
0
0
FOSC / 16
1
0
1
FOSC / 32
1
1
0
FOSC / 64
1
1
1
FOSC / 128
CKO3
CKO2
CKO1
CKO0
Selected DIV1x frequency
0
0
0
0
FDIV1 / 2
(16384 Hz)
0
0
0
1
FDIV1 / 4
(8192 Hz)
0
0
1
0
FDIV1 / 8
(4096 Hz)
0
0
1
1
FDIV1 / 16
(2048 Hz)
0
1
0
0
FDIV1 / 32
(1024 Hz)
0
1
0
1
FDIV1 / 64
(512 Hz)
0
1
1
0
FDIV1 / 128
(256 Hz)
0
1
1
1
FDIV1 / 256
(128 Hz)
1
0
0
0
FDIV1 / 512
(64 Hz)
1
0
0
1
FDIV1 / 1024
(32 Hz)
1
0
1
0
FDIV1 / 2048
(16 Hz)
1
0
1
1
FDIV1 / 4096
(8 Hz)
1
1
0
0
FDIV1 / 8192
(4 Hz)
1
1
0
1
FDIV1 / 16384
(2 Hz)
1
1
1
0
FDIV1 / 32768
(1 Hz)
1
1
1
1
FDIV1 / 65536 (0.5 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com