Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC331B Datasheet(PDF) 21 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 21 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 17Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 18Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 19Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 20Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 21Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 22Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 23Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 24Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 25Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
21
I/O Ports
Port 0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D8H
P0
P07
P06
P05
P04
P03
P02
P01
P00
√
√
0240H
P0CR
CP07
CP06
CP05
CP04
CP03
CP02
CP01
CP00
√
√
0241H
P0MR
-
MP06
MP05
MP04
-
MP02
MP01
MP00
√
√
Port 0 is an 8-bit I/O port; each pin can be programmed as input or output individually.
P0CR: p0.0~p0.7 is input or output. 0: input, 1: output
P0MR: p0.0~p0.7, pull-high, CMOS/NMOS and pull-high value setting
P0MR.0: P0.0 ~ P0.3 Pull-high control, 0: disable, 1:enable
P0MR.1: P0.0 ~ P0.3 CMOS/NMOS selector, 0: CMOS, 1:NMOS
P0MR.2: P0.0 ~ P0.3 Pull-high resistor value control, 0: large, 1: small
P0MR.4: P0.4 ~ P0.7 Pull-high control, 0: disable, 1: enable
P0MR.5: P0.4 ~ P0.7 CMOS/NMOS selector, 0: CMOS, 1:NMOS
P0MR.6: P0.4 ~ P0.7 Pull-high resistor value control, 0: large, 1: small (350K or 50K selector)
At initial reset, the port P0 is all in input mode. Each pin of port P0 can be specified as input or output
mode independently by the P0CR registers. When P0 is used as output port, CMOS or NMOS open
drain output type can be selected by the P0MR register. Port P0 has the internal pull-high resistors
that can be enabled/disabled by specifying the P0MR.0 and P0MR.4 respectively. The pull-high
resistors will be temporarily disable if the port is specified as output mode. The read value will be the
contents of output buffer in output mode. When P0 port is used as input mode and the RLH_EN, and
IRQ_EN corresponding to the P0 port are set, a signal change at the port P0 (any pin) will execute the
halt mode release or interrupt subroutine. Both the raising or falling signal will set the port P0 event.
The Schmitt trigger circuit is added in the input port part of all I/O pins.
Please set port 0 as output high before set it as input mode, if speeds up the internal pull-high effect is
needed. If the I/O ports are not used in your application, please set them as input with pull-high or
output mode to avoid unnecessary power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com