Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3911 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3911
Description  LM3911 Temperature Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3911 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM3911 Datasheet HTML 1Page - National Semiconductor (TI) LM3911 Datasheet HTML 2Page - National Semiconductor (TI) LM3911 Datasheet HTML 3Page - National Semiconductor (TI) LM3911 Datasheet HTML 4Page - National Semiconductor (TI) LM3911 Datasheet HTML 5Page - National Semiconductor (TI) LM3911 Datasheet HTML 6Page - National Semiconductor (TI) LM3911 Datasheet HTML 7Page - National Semiconductor (TI) LM3911 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Applications (Continued)
Three-Wire Electronic Thermostat
Divider is set for a nominal 0 Cb125 C range
Wire wound resistors will provide maximum
temperature stability
Almost any TRIAC rated 1 to 35 amperes
usable with appropriate load
Kelvin Thermometer With
Ground Referred Output
RS e
VSa b 68V c 103X
2
Differential Thermometer
VOUT e 001
R1aR2
R1
J (T2bT1)
Output can swing g3V at g50 mA
with low output impedance
The 001 in the above equation is in units of V KorV C and is a result
of the basic 001 V K sensitivity of the transducer
Connection Diagrams
Dual-In-Line Package
TLH5701 – 6
Order Number LM3911N
See NS Package N08E
TO-46 Package
TLH5701 – 7
Order Number LM3911H-46
See NS Package H04A
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com