Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3911 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3911
Description  LM3911 Temperature Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3911 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3911 Datasheet HTML 1Page - National Semiconductor (TI) LM3911 Datasheet HTML 2Page - National Semiconductor (TI) LM3911 Datasheet HTML 3Page - National Semiconductor (TI) LM3911 Datasheet HTML 4Page - National Semiconductor (TI) LM3911 Datasheet HTML 5Page - National Semiconductor (TI) LM3911 Datasheet HTML 6Page - National Semiconductor (TI) LM3911 Datasheet HTML 7Page - National Semiconductor (TI) LM3911 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Current (Externally Set)
10 mA
Output Collector Voltage Vaa
36V
Feedback Input Voltage Range
0V to a70V
Output Short Circuit Duration
Indefinite
Operating Temperature Range
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
260 C
Electrical Characteristics (Note 1)
Parameter
Conditions
Min
Typ
Max
Units
SENSOR
Output Voltage
TAeb25 C (Note 2)
236
248
260
V
Output Voltage
TAea25 C (Note 2)
288
298
308
V
Output Voltage
TAea85 C (Note 2)
346
358
370
V
Linearity
D
Te100 C
05
2
%
Long-Term Stability
03
%
Repeatability
03
%
VOLTAGE REFERENCE
Reverse Breakdown Voltage
1 mAsIzs5 mA
655
685
725
V
Reverse Breakdown Voltage
1 mAsIzs5mA
10
35
mV
Change With Current
Temperature Stability
20
85
mV
Dynamic Impedance
Ize1 mA
30
X
RMS Noise Voltage
10 Hzsfs10 kHz
30
m
V
Long Term Stability
TAea85 C
60
mV
OP AMP
Input Bias Current
TAea25 C
35
150
nA
Input Bias Current
45
250
nA
Voltage Gain
RLe36k Vaa e36V
2500
15000
VV
Output Leakage Current
TAe25 C (Note 3)
02
2
m
A
Output Leakage Current
(Note 3)
10
8
m
A
Output Source Current
VOUTs370
10
m
A
Output Sink Current
1VsVOUTs36V
20
mA
Note 1
These specifications apply for b25 CsTAsa85 C and 09 mA sISUPPLYs11 mA unless otherwise specified CLs50 pF
Note 2
The output voltage applies to the basic thermometer configuration with the output and input terminals shorted and a load resistance of t 10 MX This is
the feedback sense voltage and includes errors in both the sensor and op amp This voltage is specified for the sensor in a rapidly stirred oil bath The output is
referred to Va
Note 3
The output leakage current is specified with t100 mV overdrive Since this voltage changes with temperature the voltage drive for turn-off changes and is
defined as VOUT (with output and input shorted) b100 mV This specification applies for VOUTe36V
Application Hints
Although the LM3911 is designed to be totally trouble-free
certain precautions should be taken to insure the best pos-
sible performance
As with any temperature sensor internal power dissipation
will raise the sensor’s temperature above ambient Nominal
suggested operating current for the shunt regulator is 10
mA and causes 70 mW of power dissipation In free still air
this raises the package temperature by about 12 K Al-
though the regulator will operate at higher reverse currents
and the output will drive loads up to 50 mA these higher
currents will raise the sensor temperature to about 19 K
above ambient-degrading accuracy Therefore the sensor
should be operated at the lowest possible power level
With moving air liquid or surface temperature sensing self-
heating is not as great a problem since the measured
media will conduct the heat from the sensor Also there are
many small heat sinks designed for transistors which will
improve heat transfer to the sensor from the surrounding
medium A small finned clip-on heat sink is quite effective in
free-air It should be mentioned that the LM3911 die is on
the base of the package and therefore coupling to the base
is preferable
The internal reference regulator provides a temperature sta-
ble voltage for offsetting the output or setting a comparison
point in temperature controllers However since this refer-
ence is at the same temperature as the sensor temperature
changes will also cause reference drift For application
where maximum accuracy is needed an external reference
should be used Of course for fixed temperature controllers
the internal reference is adequate
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com