Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C22 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46C22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C22 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46C22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
16
October 2, 2002
lected, the PFD output signal is controlled by PA3 data
register only. Writing
²1² to PA3 data register will enable
the PFD output function and writing
²0² will force the
PA3 to remain at
²0². The I/O functions of PA3 are
shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA5 and PA4 are pin-shared with INT and TMR pins
respectively.
The PB can also be used as A/D converter inputs. The
A/D function will be described later. There is a PWM
function shared with PD0. If the PWM function is en-
abled, the PWM signal will appear on PD0 (if PD0 is op-
erating in output mode). Writing
²1² to PD0 data register
will enable the PWM output function and writing
²0² will
force the PD0 to remain at
²0². The I/O functions of PD0
is as shown.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PD0
Logical
Input
Logical
Output
Logical
Input
PWM
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
PWM
The microcontroller provides 1 channels (6+2)/(7+1)
(dependent on options) bits PWM output shared with
PD0. The PWM channel has its data registers denoted
as PWM(1AH). The frequency source of the PWM coun-
ter comes from fSYS. The PWM registers is a 8-bit regis-
ter. The waveforms of PWM outputs are as shown.
Once the PD0 is selected as the PWM outputs and the
output function of PD0 is enabled (PDC.0=
²0²), writing 1
to PD0 data register will enable the PWM output func-
tion and writing
²0² will force the PD0 to stay at ²0².
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
(6+2) PWM mode
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
P W M m o d u l a t i o n p e r i o d : 1 2 8 / f S Y S
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
5 0 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
(7+1) PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com