Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C22 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46C22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C22 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46C22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C22 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
25
October 2, 2002
Options
The following shows ten kinds of options in the microcontroller. ALL the options must be defined to ensure proper sys-
tem function.
No.
Options
1
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
2
WDT source selection.
There are three types of selection: On-chip RC oscillator, instruction clock or disable the WDT.
3
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the CLR WDT instruction can
clear the WDT.
²Two times² means only if both of the CLR WDT1 and CLR WDT2 instructions have been exe-
cuted, then WDT can be cleared.
4
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up
the chip from a HALT.
5
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports.
PA0~PA7, can be independently selected.
6
PFD selection: PA3: Level output or PFD output
7
PWM selection: (7+1) or (6+2) mode
PD0: Level output or PWM output
8
WDT time-out period selection.
There are four types of selection: WDT clock source divided by 2
12,213,214 and 215
9
Low voltage reset selection: Enable or disable LVR function.
10
I
2C BUS function: Enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com