Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55JGI8 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 71342LA55JGI8
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55JGI8 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 71342LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 10Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 11Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 12Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 13Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
12
Truth Table I — Non-Contention Read/Write Control(2)
request latches feed into a semaphore flag. Whichever latch is first to
present a zero to the semaphore flag will force its side of the
semaphore flag LOW and the other side HIGH. This condition will
continue until a one is written to the same semaphore request latch.
Should the other side’s semaphore request latch have been written to
a zero in the meantime, the semaphore flag will now stay LOW until its
semaphore request latch is written to a one. From this it is easy to
understand that, if a semaphore is requested and the processor which
requesteditnolongerneedstheresource,theentiresystemcanhangup
untilaoneiswrittenintothatsemaphorerequestlatch.
The critical case of semaphore timing is when both sides request
a single token by attempting to write a zero into it at the same time. The
semaphore logic is specially designed to resolve this problem. If
simultaneous requests are made, the logic guarantees that only one
sidereceivesthetoken.Ifonesideisearlierthantheotherinmakingthe
request, the first side to make the request will receive the token. If both
requestsarriveatthesametime,theassignmentwillbearbitrarilymade
to one port or the other.
One caution that should be noted when using semaphores is that
semaphores alone do not guarantee that access to
a resource is secure. As with any powerful programming technique, if
semaphores are misused or misinterpreted, a software error can
easily happen. Code integrity is of the utmost importance when
semaphores are used instead of slower, more restrictive hardware
intensive schemes.
Initialization of the semaphores is not automatic and must be
handledviatheinitializationprogramatpowerup.Sinceanysemaphore
request flag which contains a zero must be reset to a one, all
Truth Table II — Example Semaphore Procurement Sequence(1,2,3)
NOTE:
1. AOL - A11L
≠ A0R - A11R.
2. "H" = VIH, "L" = VIL, "X" = Don’t Care, "Z" = High-Impedance.
NOTE:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT71342.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's. These eight semaphores are addressed by A0-A2.
3. CE = VIH, SEM = VIL to access the semaphores. Refer to the semaphore Read/Write Control Truth Table.
Left or Right Port(1)
R/W
CE
SEM
OE
D0-7
Function
X
H
H
X
Z
Port Disabled and in Power Down Mode
HHL
L
DATAOUT
Data in Semaphore Flag Output on Port
X
X
X
H
Z
Output Disabled
HL
X
DATAIN
Port Data Bit D0 Written Into Semaphore Flag
HL
HL
DATAOUT
Data in Memory Output on Port
LL
H
X
DATAIN
Data on Port Written Into Memory
XL
L
X
____
Not Allowed
2721 tbl 11
Functions
D0 - D15 Left
D0 - D15 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
2721 tbl 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com