Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55JGI8 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 71342LA55JGI8
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55JGI8 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 71342LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 10Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 11Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 12Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 13Page - Integrated Device Technology 71342LA55JGI8 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
13
SEMAPHORE
REQUEST FLIP FLOP
DQ
SEMAPHORE
REQUEST FLIP FLOP
QD
WRITE
D0
SEMAPHORE
READ
SEMAPHORE
READ
D0
WRITE
RPORT
LPORT
2721 drw 14
semaphores on both sides should have a one written into them at
initialization from both sides to assure that they will be free when
needed.
Using Semaphores–Some
examples
Perhaps the simplest application of semaphores is their application
as resource markers for the IDT71342’s Dual-Port RAM. Say the 4K
x 8 RAM was to be divided into two 2K x 8 blocks which were to be
dedicated at any one time to servicing either the left or right port.
Semaphore 0 could be used to indicate the side which would control
the lower section of memory, and Semaphore 1 could be defined as the
indicator for the upper section of the memory.
To take a resource, in this example the lower 2K of Dual-Port RAM,
the processor on the left port could write and then read a zero into
Semaphore 0. If this task were successfully completed (a zero was
read back rather than a one), the left processor would assume control
of the lower 2K. Meanwhile, the right processor would attempt to
perform the same function. Since this processor was attempting to
gain control of the resource after the left processor, it would read back
a one in response to the zero it had attempted to write into Semaphore
0. At this point, the software could choose to try and gain control of the
second 2K section by writing, then reading a zero into Semaphore 1.
If it succeeded in gaining control, it would lock out the left side.
Once the left side was finished with its task, it would write a one to
Semaphore 0 and may then try to gain access to Semaphore 1. If
Semaphore 1 was still occupied by the right side, the left side could
undo its semaphore request and perform other tasks until it was able
to write, then read a zero into Semaphore 1. If the right processor
performs a similar task with Semaphore 0, this protocol would allow the
two processors to swap 2K blocks of Dual-Port RAM with each other.
The blocks do not have to by any particular size and can even be
variable, depending upon the complexity of the software using the
semaphore flags. All eight semaphores could be used to divide the
Dual-PortRAMorothersharedresourcesintoeightparts.Semaphores
can even be assigned different meanings on different sides rather than
being given a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like disk
interfaces where the CPU must be locked out of a section of memory
during a transfer and the I/O device cannot tolerate any wait states.
With the use of semaphores, once the two devices had determined
which memory area was “off limits” to the CPU, both the CPU and the
I/Odevicescouldaccesstheirassignedportionsofmemorycontinuously
without any wait states.
Semaphores are also useful in applications where no memory
“WAIT” state is available on one or both sides. Once a semaphore
handshake has been performed, both processors can access their
assigned RAM segments at full speed.
Another application is in the area of complex data structures. In this
case, block arbitration is very important. For this application one
processor may be responsible for building and updating a data
structure. The other processor then reads and interprets that data
structure. If the interpreting processor reads an incomplete data
structure, a major error condition may exist. Therefore, some sort of
arbitration must be used between the two different processors. The
building processor arbitrates for the block, locks it and then is able to
go in and update the data structure. When the update is completed, the
data structure block is released. This allows the interpreting processor
to come back and read the complete data structure, thereby
guaranteeing a consistent data structure.
Figure 3. IDT71342 Semaphore Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com