Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS-RJF-CS32QBB1 Datasheet(PDF) 2 Page - Cree, Inc

Part # S4SMS-RJF-CS32QBB1
Description  Cree Screen Master 4-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

S4SMS-RJF-CS32QBB1 Datasheet(HTML) 2 Page - Cree, Inc

  S4SMS-RJF-CS32QBB1 Datasheet HTML 1Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 2Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 3Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 4Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 5Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 6Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 7Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree 4-mm Oval LED
S4SMS-RJF/GJF/BJF
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red
Blue and Green
Forward Current
I
F
50 Note1
35
mA
Peak Forward Current Note2
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
130
140
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1. For long term performance the drive currents between 10mA and 30mA are recommended. Please contact CREE
sales representative for more information on recommended drive conditions.
2. Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red
V
F
I
F = 15 mA
V
2.1
2.6
Green
V
F
I
F = 15 mA
V
2.7
3.4
Blue
V
F
I
F = 10 mA
V
2.8
3.4
Reverse Current
Red
I
R
V
R = 5 V
μA
100
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 15 mA
nm
619
621
624
Green
λ
D
I
F = 15 mA
nm
520
527
535
Blue
λ
D
I
F = 10 mA
nm
460
472
475
Peak Luminous Intensity at
-10° Note3
Red
I
V
I
F = 15 mA
mcd
770
1200
Green
I
V
I
F = 15 mA
mcd
2130
3800
Blue
I
V
I
F = 10 mA
mcd
390
660
Peak Luminous Intensity at
-10° Note3(Reference)
Red
I
V
I
F = 20
mA(R/G/B)
mcd
1500
Green
I
V
mcd
4600
Blue
I
V
mcd
1300
Note:
3. Luminnous intensity sorting based on the peak data at -10°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com