Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS-RJF-CS32QBB1 Datasheet(PDF) 3 Page - Cree, Inc

Part # S4SMS-RJF-CS32QBB1
Description  Cree Screen Master 4-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

S4SMS-RJF-CS32QBB1 Datasheet(HTML) 3 Page - Cree, Inc

  S4SMS-RJF-CS32QBB1 Datasheet HTML 1Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 2Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 3Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 4Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 5Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 6Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 7Page - Cree, Inc S4SMS-RJF-CS32QBB1 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
S4SMS-RJF/GJF/BJF
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Green:S4SMS-GJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
X0
X1
4180
4600
X2
4600
5020
X3
5020
5440
X4
5440
5860
Blue:S4SMS-BJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
Red: S4SMS-RJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
INTENSITY BIN LIMIT (RED I
F = 15 mA, GREEN IF = 15 mA, BLUE IF = 10 mA
INTENSITY MEASUREMENT AT -10°)
COLOR BIN LIMIT (RED I
F = 15 mA, GREEN IF = 15 mA, BLUE IF = 10 mA)
Green
Bin Code
Min.(nm)
Max.(nm)
GM
520
523
GN
520.5
523.5
GP
522
525
GQ
523
526
GR
524.5
527.5
GS
525.5
528.5
GT
527
530
GU
528
531
GV
529.5
532.5
GW
530.5
533.5
GX
532
535
Blue
Bin Code
Min.(nm)
Max.(nm)
BG
460
463
BH
461.5
464.5
BJ
462.5
465.5
BK
464
467
BM
465
468
BN
466.5
469.5
BP
467.5
470.5
BQ
469
472
BR
470
473
BS
471.5
474.5
BT
472
475



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com