Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71342LA55PFG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  71342LA55PFG Datasheet HTML 1Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 2Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 3Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 4Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 5Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 6Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 7Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 8Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
2
2721 drw 02
IDT71342J
J52-1(4)
52-Pin PLCC
Top View(5)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J52 package body is approximately .79 in x .79 in x .17 in.
PN64 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3)
INDEX
71342PF
PN64-1(4)
64-Pin TQFP
Top View(5)
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
46
45
44
43
42
41
40
39
38
37
36
35
34
47
48
33
I/O6R
N/C
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
OER
N/C
N/C
I/O2L
A0L
OEL
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
N/C
N/C
2721 drw 03
Description
The IDT71342 is a high-speed 4K x 8 Dual-Port Static RAM with full
on-chip hardware support of semaphore signalling between the two
ports.
The IDT71342 provides two independent ports with separate
control, address, and I/O pins that permit independent, asynchronous
access for reads or writes to any location in memory. To assist in
arbitrating between ports, a fully independent semaphore logic block
is provided. This block contains unassigned flags which can be
accessedbyeitherside;however,onlyonesidecancontroltheflagatany
time. An automatic power down feature, controlled by CE and SEM,
permitstheon-chipcircuitryofeachporttoenteraverylowstandbypower
mode (both CE and SEM HIGH).
Fabricated using CMOS high-performance technology, this device
typically operates on only 700mW of power. Low-power (LA) versions
offer battery backup data retention capability, with each port typically
consuming200µWfroma2Vbattery.Thedeviceispackagedineithera
64-pin TQFP or a 52-pin PLCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com