Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55PFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 71342LA55PFG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55PFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 71342LA55PFG Datasheet HTML 2Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 3Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 4Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 5Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 6Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 7Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 8Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 9Page - Integrated Device Technology 71342LA55PFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
6
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Ouput Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access SRAM, CE = VIL, SEM = VIH. To access semaphore, CE = VIH, and SEM = VIL.
4. 'X' in part number indicates power rating (SA or LA).
5. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read”.
71342X20
Com'l Only
71342X25
Com'l & Ind
71342X35
Com'l Only
Unit
Symbol
Parameter
Min.
Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time(3)
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
15
____
15
____
20
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
15
____
20
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
50
____
50
____
50
ns
tSOP
SEM Flag Update Pulse (OE or SEM)
10
____
10
____
15
____
ns
tWDD
Write Pulse to Data Delay(4)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(4)
____
30
____
30
____
35
ns
tSAA
Semaphore Address Access Time
____
____
____
25
____
35
ns
2721 tbl 09a
71342X45
Com'l Only
71342X55
Com'l Only
71342X70
Com'l Only
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
45
____
55
____
70
____
ns
tAA
Address Access Time
____
45
____
55
____
70
ns
tACE
Chip Enable Access Time(3)
____
45
____
55
____
70
ns
tAOE
Output Enable Access Time
____
25
____
30
____
40
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time(1,2)
5
____
5
____
5
____
ns
tHZ
Output High-Z Time(1,2)
____
20
____
25
____
30
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
50
____
50
____
50
ns
tSOP
SEM Flag Update Pulse (OE or SEM)
15
____
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(4)
____
70
____
80
____
90
ns
tDDD
Write Data Valid to Read Data Delay(4)
____
45
____
55
____
70
ns
tSAA
Semaphore Address Access Time
____
45
____
55
____
70
ns
2721 tbl 09b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com