Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLMB Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASFLMB
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMB Datasheet(HTML) 5 Page - Abracon Corporation

  ASFLMB Datasheet HTML 1Page - Abracon Corporation ASFLMB Datasheet HTML 2Page - Abracon Corporation ASFLMB Datasheet HTML 3Page - Abracon Corporation ASFLMB Datasheet HTML 4Page - Abracon Corporation ASFLMB Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ASFLMB
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
D
E
I
F
I
T
R
E
C
ABRACON IS
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO9001:2008
D
E
I
F
I
T
R
E
C
OUTLINE DIMENSIONS:
Dimensions: mm (inches)
Note: Recommend using
an approximately 0.01uF
bypass capacitor between
PIN 2 and 4.
Tube: 72 pcs/tube
Unit orientation in tube:
Dimensions: mm
REFLOW PROFILE:
TAPE AND REEL:
Need a test socket for the ASFLMB Series? To
view compatible
PRECISION TEST SOCKETS
for these parts,
click here: PN: AXS-5032-04-07.
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where componentfailure could result in loss of life and/or property. For applications
requiring high reliability and/or presenting an extreme operating environment, written consent and authoriza-
tion from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Life Size
5.0 x 3.2 x 0.85mm
ASFLMB
T= 1,000pcs/reel (D=180mm)
T3= 3,000pcs/reel (D=330mm)
#
Pb RoHS/RoHS II Compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.02.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com