Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLMB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLMB
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMB Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLMB Datasheet HTML 1Page - Abracon Corporation ASFLMB Datasheet HTML 2Page - Abracon Corporation ASFLMB Datasheet HTML 3Page - Abracon Corporation ASFLMB Datasheet HTML 4Page - Abracon Corporation ASFLMB Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
| | | | | | | | | | | | | | |
ASFLMB
APPLICATIONS:
FEATURES:
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Computers and Peripherals
• Lower Cost Crystal Oscillator Replacement
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
D
E
I
F
I
T
R
E
C
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASEMB
Life Size
5.0 x 3.2 x 0.85mm
ASFLMB
Common Key Electrical Specifications
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
1.0
150
MHz
Operating Temperature:
0
+70
°C
See options
C
°
0
5
1
+
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability*:
-50
+50
ppm
See options
V
3
.
3
+
~
8
.
1
+
:)
d
d
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
Output Load:
15, 25, or 40
pF
See options
10
kΩ
d
d
V
2
/
1
@
%
5
5
5
4
:
y
rt
e
m
m
y
S
s
m
0
.
3
5
.
1
:
e
m
i
T
p
u
tr
a
t
S
s
n
0
0
1
0
2
:
e
m
i
T
e
l
b
a
s
i
D
Disable Stand-by Current:
15
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
-
-
-
-
-
0
.
5
-
:
g
n
i
g
A
MEMS
TECHNOLOGY
Key Electrical Specifications
Vdd= 1.8V
• Pure Silicon™ Clock Oscillator
• 2nd Generation MEMS Technology with reduced jitter by Discera
• Low Power Consumption <10mA
• Exceptional Stability +/- 10ppm Over Temp. at -40 to +105°C
• Compact QFN Plastic Packaging
Pb RoHS/RoHS II Compliant
Moisture Sensitivity Level – MSL 1
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current
(no load):
1.0 to 39.9999MHz
5
15
mA
CL=0p
RL=∞
T=25°C
(Standard CL: 15pF)
40.0 to 79.9999MHz
6
15
mA
80.0 to 124.9999MHz
7
15
mA
125.0 to 150MHz
8
15
mA
1.0 to 39.9999MHz
6
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 25pF)
40.0 to 79.9999MHz
7
15
mA
80.0 to 124.9999MHz
8
15
mA
125.0 to 150MHz
9
15
mA
1.0 to 39.9999MHz
7
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 40pF)
40.0 to 79.9999MHz
8
15
mA
80.0 to 124.9999MHz
9
15
mA
125.0 to 150MHz
10
15
mA
Output Voltage:
VOH
0.8*Vdd
V
CL=15, 25, 40pF
VOL
0.2*Vdd
V
Rise Time:
Fall Time:
Tr
1.8
3.0
ns
CL=15pF; T=25°C
20%/80%*VDD
Tf
1.0
3.0
ns
Tr
1.5
3.0
ns
CL=25pF; T=25°C
20%/80%*VDD
Tf
1.2
3.0
ns
Tr
1.4
3.0
ns
CL=40pF; T=25°C
20%/80%*VDD
Tf
1.1
3.0
ns
Cycle to Cycle Jitter:
60
ps
F=100MHz
Period Jitter RMS:
10
ps
F=100MHz
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.02.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ASFLMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
Programmer for PureSilicon Oscillators
05/16/11
More results

Similar Description - ASFLMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASDMB ABRACON-ASDMB Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASDMB-25.000MHZ-LC-T ABRACON-ASDMB-25.000MHZ-LC-T Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASDMB-E ABRACON-ASDMB-E Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMB-24.000MHZ-LC-T ABRACON-ASEMB-24.000MHZ-LC-T Datasheet
9Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
10.22.13
ASVMB ABRACON-ASVMB Datasheet
12Mb / 4P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.30.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com