Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR418S2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASR418S2
Description  SMD ONE PORT SAW RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASR418S2 Datasheet(HTML) 2 Page - Abracon Corporation

  ASR418S2 Datasheet HTML 1Page - Abracon Corporation ASR418S2 Datasheet HTML 2Page - Abracon Corporation ASR418S2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||| | | | | ||| | | | | |
ASR418S2
RoHS
Compliant
SMD ONE PORT SAW RESONATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 02.21_.11
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
5.0 x 3.5 x 1.4mm
TYPICAL FREQUENCY RESPONSE
Dimensions: mm
Pin
Configuration
1
Input / Output
3
Output / Input
2/4
Case Ground
Dimension
Data
(unit: mm)
Dimension
Data
(unit: mm)
A
1.2
D
1.4
B
0.8
E
5.0
C
0.5
F
3.5
OUTLINE DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com