Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR418S2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASR418S2
Description  SMD ONE PORT SAW RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASR418S2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASR418S2 Datasheet HTML 1Page - Abracon Corporation ASR418S2 Datasheet HTML 2Page - Abracon Corporation ASR418S2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
||| | | | | ||| | | | | |
ASR418S2
APPLICATIONS:
• Transmitter
• Remote controller
FEATURES:
RoHS
Compliant
SMD ONE PORT SAW RESONATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 02.21.11
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
5.0 x 3.5 x 1.4mm
• One port SAW
• Fundamental
• Seam sealed ceramic package assures high reliability
• Low insertion loss 1.2dB typical
• 50 ohms input/output impedance
Key Electrical Specifications
EQUIVALENT LC MODEL
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (f0)
417.925
418.000
418.075
MHz
418MHz±75kHz
Insertion Loss
-----
1.2
1.8
dB
Quality Factor
-----
10,730
-----
Unloaded Q
-----
1,400
-----
50Ω loaded Q
Turnover Temperature
25
-----
50
°C
Turnover Frequency
-----
F0
-----
MHz
Freq. Temp. Coefficient
-----
0.032
-----
ppm/°C
Frequency Aging
-----
-----
≤±10
ppm/yr
DC Insulation Resistance
1.0
-----
-----
MΩ
Motional Resistance R1
-----
15
23
Ω
Motional Inductance L1
-----
61.3325
-----
uH
Motional Capacitance C1
-----
2.3661
-----
fF
Shunt Static Capacitance C0
2.05
2.35
2.65
pF
Operation Temperature Range
-40
-----
+85
°C
Storage Temperature Range
-45
-----
+85
°C
DC Voltage between terminals
-----
-----
±30
Vdc
CW RF Power Dissipation
-----
-----
0
dBm
STANDARD SPECIFICATIONS
TEST CIRCUIT


Similar Part No. - ASR418S2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
More results

Similar Description - ASR418S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
One-port SAW Resonator
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
Abracon Corporation
ASR315E ABRACON-ASR315E Datasheet
629Kb / 1P
SMD ONE PORT 315.00 MHz SAW RESONATOR
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
ASR423.22E ABRACON-ASR423.22E Datasheet
700Kb / 1P
SMD ONE PORT 423.22MHz SAW RESONATOR
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
One-Port SMD SAW Resonator
09.22.15
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
One Port Saw Resonator
2-6-2011
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com