Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CV Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWSCR-CV
Description  3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CV Datasheet(HTML) 2 Page - Abracon Corporation

  AWSCR-CV Datasheet HTML 1Page - Abracon Corporation AWSCR-CV Datasheet HTML 2Page - Abracon Corporation AWSCR-CV Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTLINE DRAWING:
3.7 x 3.1mm Industrial Grade Built-in Capacitance Ceramic Resonator
AWSCR-CV
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.25.14
Visit www.abracon.com for Terms & Conditions of Sale
TEST CIRCUIT:
3.7 x 3.1 x 1.0mm
AWSCR-CV
AWSCR-CV
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RoHS/RoHS II compliant
Parts shall be measured under a condition (Temp.: 20±15°C, Humidity: 65±20% R.H.) unless the standard condition
(Temp: 25±3°C, Humidity: 65±10% R.H.) is regulated to measure
X: Ceramic Resonator
1. Input
2. Ground
3. Output
Pb in ceramic, exemption (7c-I)
** A stands for the thickness of the
ceramic element, which varies with the
frequency
(1.0+A) ± 0.2**
Recommended Land Pattern
Dimension: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com