Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CV Datasheet(PDF) 3 Page - Abracon Corporation

Part # AWSCR-CV
Description  3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CV Datasheet(HTML) 3 Page - Abracon Corporation

  AWSCR-CV Datasheet HTML 1Page - Abracon Corporation AWSCR-CV Datasheet HTML 2Page - Abracon Corporation AWSCR-CV Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.7 x 3.1mm Industrial Grade Built-in Capacitance Ceramic Resonator
AWSCR-CV
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.25.14
Visit www.abracon.com for Terms & Conditions of Sale
SUGGESTED REFLOW:
3.7 x 3.1 x 1.0mm
AWSCR-CV
AWSCR-CV
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RoHS/RoHS II compliant
Pb in ceramic, exemption (7c-I)
TAPE & REEL:
Reel
Quantity
ФA
ФB
W
T
Pieces per
reel
Carrier tape size
1000 (T)
180±3
60 min.
12.4 min
19.4 max
1000 typ.
12
Packaging:
T: 1000pcs/Reel
Dimensions: mm
Note: upon opening the original packaging, it is recommended that the product be used within 1 year. If
the product will not be used within 1 year, it is recommended that the product be re-sealed in airtight
packaging according to MSL 1 requirements to maintain solderability.
(1) Do not apply excess mechanical stress to the component body or terminations. Do not attempt to re-form or bend the components as this
will cause damage to the component.
(2) This component is not hermetically sealed. Do not clean or wash the component.
(3) Reflow Soldering: Do not use strong acidity flux, such as flux with chlorine content of greater than 0.2wt% during Reflow Soldering.
(4) Do not expose the component to open flame.
(5) This specification applies to the functionality of the component as a single unit.
(6) Storage Conditions: If the product is to be stored for a period greater than Six Months after the Delivery Date, it is recommended that
customers confirm the solderability and characteristics for the product prior to use.
(7) This product is not recommended for use in the following applications: Automotive, Medical, Military, Safety, or any other high-reliability,
life dependant applications. Contact Abracon Corporation prior to using this product when in doubt.
CAUTION:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com