Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3915 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3915
Description  Dot/Bar Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3915 Datasheet HTML 9Page - National Semiconductor (TI) LM3915 Datasheet HTML 10Page - National Semiconductor (TI) LM3915 Datasheet HTML 11Page - National Semiconductor (TI) LM3915 Datasheet HTML 12Page - National Semiconductor (TI) LM3915 Datasheet HTML 13Page - National Semiconductor (TI) LM3915 Datasheet HTML 14Page - National Semiconductor (TI) LM3915 Datasheet HTML 15Page - National Semiconductor (TI) LM3915 Datasheet HTML 16Page - National Semiconductor (TI) LM3915 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Application Hints (Continued)
the LED current will be at least 5 mA. R1 will typically be
between 1 k
Ω and2kΩ. To trim the reference voltage, vary
R2.
The circuit in Figure 8 shows how to add a LED intensity
control which can vary LED current from 9 mA to 28 mA. The
reference adjustment has some effect on LED intensity but
the reverse is not true.
Multiple LM3915s
Figure 9 shows how to obtain a common reference trim and
intensity control for two LM3915s. The two ICs may be
connected in cascade for a 60 dB display or may be handling
separate channels for stereo. This technique can be ex-
tended for larger numbers of LM3915s by varying the values
of R1, R2 and R3 in inverse proportion to the number of
devices tied in. The ICs’ internal references track within
100 mV so that worst case error from chip to chip is only
0.1 dB for V
REF = 10V.
00510415
FIGURE 7. Design Equations for Fixed LED Intensity
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com