Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3915 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3915
Description  Dot/Bar Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM3915 Datasheet HTML 17Page - National Semiconductor (TI) LM3915 Datasheet HTML 18Page - National Semiconductor (TI) LM3915 Datasheet HTML 19Page - National Semiconductor (TI) LM3915 Datasheet HTML 20Page - National Semiconductor (TI) LM3915 Datasheet HTML 21Page - National Semiconductor (TI) LM3915 Datasheet HTML 22Page - National Semiconductor (TI) LM3915 Datasheet HTML 23Page - National Semiconductor (TI) LM3915 Datasheet HTML 24Page - National Semiconductor (TI) LM3915 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Connection Diagram
Dual-in-Line Package
00510432
Top View
Order Number LM3915N-1
See NS Package Number NA18A
Order Number LM3915N *
See NS Package Number N18A
*Discontinued, Life Time Buy date 12/20/99
Definition of Terms
Absolute Accuracy: The difference between the observed
threshold voltage and the ideal threshold voltage for each
comparator. Specified and tested with 10V across the inter-
nal voltage divider so that resistor ratio matching error pre-
dominates over comparator offset voltage.
Adjust Pin Current: Current flowing out of the reference
adjust pin when the reference amplifier is in the linear region.
Comparator Gain: The ratio of the change in output current
(I
LED) to the change in input voltage (VIN) required to pro-
duce it for a comparator in the linear region.
Dropout Voltage: The voltage measured at the current
source outputs required to make the output current fall by
10%.
Input Bias Current: Current flowing out of the signal input
when the input buffer is in the linear region.
LED Current Regulation: The change in output current over
the specified range of LED supply voltage (V
LED) as mea-
sured at the current source outputs. As the forward voltage
of an LED does not change significantly with a small change
in forward current, this is equivalent to changing the voltage
at the LED anodes by the same amount.
Line Regulation: The average change in reference output
voltage (V
REF) over the specified range of supply voltage
(V
+).
Load Regulation: The change in reference output voltage
over the specified range of load current (I
L(REF)).
Offset Voltage: The differential input voltage which must be
applied to each comparator to bias the output in the linear
region. Most significant error when the voltage across the
internal voltage divider is small. Specified and tested with pin
6 voltage (V
RHI) equal to pin 4 voltage (VRLO).
Relative Accuracy: The difference between any two adja-
cent threshold points. Specified and tested with 10V across
the internal voltage divider so that resistor ratio matching
error predominates over comparator offset voltage.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com