Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501AMI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS501AMI
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS501AMI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS501AMI Datasheet HTML 1Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 2Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 3Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 4Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOCO™PLL Clock Multiplier
MDS 501A B
4
Revision 120704
In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com
ICS501A
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS501A. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10% , Ambient temperature 0 to +70°C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage, ICLK only
VIH
ICLK (pin 1)
(VDD/2)+1
V
Input Low Voltage, ICLK only
VIL
ICLK (pin 1)
(VDD/2)-1
V
Input High Voltage
VIH
OE (pin 7)
2.0
V
Input Low Voltage
VIL
OE (pin 7)
0.8
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
VIL
S0, S1
0.5
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
IDD Operating Supply Current, 20
No load, 100M
20
mA
Short Circuit Current
CLK output
+70
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com