Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501AMI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS501AMI
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS501AMI Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS501AMI Datasheet HTML 1Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 2Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 3Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 4Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS501AMI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOCO™PLL Clock Multiplier
MDS 501A B
6
Revision 120704
In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com
ICS501A
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS501AM
501AM
Tubes
8-pin SOIC
0 to +70
° C
ICS501AMT
501AM
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS501AMI
501AI
Tubes
8-pin SOIC
-40 to +85
° C
ICS501AMIT
501AI
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS501A-DWF
-
Die on uncut, probed wafers
0 to +70
° C
ICS501A-DPK
-
Tested die in waffle pack
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com