Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663MIT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS663MIT
Description  PLL BUILDING BLOCK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS663MIT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS663MIT Datasheet HTML 1Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 2Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 3Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 4Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 5Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 6Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PLL BUILDING BLOCK
MDS 663 D
4
Revision 062904
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS663
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
VDD = 5.0 V ±10%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Note 1: Minimum input frequency is limited by loop filter design. 1 kHz is a practical minimum limit.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
100
MHz
SEL = 0
0.25
25
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0V
1.2
2
ns
Output Fall Time
tOF
2.0 to 0.8V
0.75
1.5
ns
Output Clock Duty Cycle
tDC
At VDD/2
40
50
60
%
Jitter, Absolute peak-to-peak
tJ
250
ps
VCO Gain
KO
200
MHz/V
Charge Pump Current
Icp
2.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
120
MHz
SEL = 0
0.25
30
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0 V
0.5
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
0.5
1
ns
Output Clock Duty Cycle
tDC
At VDD/2
45
50
55
%
Jitter, Absolute peak-to-peak
tJ
150
ps
VCO Gain
KO
200
MHz/V
Charge Pump Current
Icp
2.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com