Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663MIT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS663MIT
Description  PLL BUILDING BLOCK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS663MIT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS663MIT Datasheet HTML 1Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 2Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 3Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 4Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 5Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 6Page - Integrated Circuit Systems ICS663MIT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS663
MDS 663 D
1
Revision 062904
Integrat ed Circuit Systems 525 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
PLL BUILDING BLOCK
Description
The ICS663 is a low cost Phase-Locked Loop (PLL)
designed for clock synthesis and synchronization.
Included on the chip are the phase detector, charge
pump, Voltage Controlled Oscillator (VCO) and an
output buffer. Through the use of external reference
and VCO dividers (implemented with the ICS674-01,
for example), the user can easily configure the device
to lock to a wide variety of input frequencies.
The phase detector and VCO functions of the device
can also be used independently. This enables the
configuration of other PLL circuits. For example, the
ICS663 phase detector can be used to control a VCXO
circuit such as the MK3754.
For applications requiring Power Down or Output
Enable features, please refer to the ICS673-01.
Features
Packaged in 8-pin SOIC
Output clock range 1 MHz to 100 MHz (3.3 V), 1 MHz
to 120 MHz (5 V)
External PLL loop filter enables configuration for a
wide range of input frequencies
Ability to accept an input clock in the kHz range
(video Hsync, for example)
25 mA output drive capability at TTL levels
Lower power CMOS process
+3.3 V ±5% or +5 V ±10% operating voltage
Used along with the ICS674-01, forms a complete
PLL circuit
Phase detector and VCO blocks can be used
independently for other PLL configurations
Industrial temperature version available
For better jitter performance, use the MK1575
Block Diagram
REF IN
P hase/
Frequency
De te cto r
VCO
4
2
SEL
LFR
LF
UP
FBIN
DOW N
I
cp
I
cp
CL K
VDD
MU X
1
0
E xternal F eedback D ivider
(such as the IC S 674-01)
C lock Input


Similar Part No. - ICS663MIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS663 IDT-ICS663 Datasheet
218Kb / 8P
PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
More results

Similar Description - ICS663MIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
INTERGRATING A/D ANALOG BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
WIDEBAND RMS DC CONVERTER BUILDING BLOCK
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com