Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet (PDF) - Integrated Circuit Systems

ICS673-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS673-01
Download  ICS673-01 Download
File Size   73.87 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL Building Block

ICS673-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS673-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS673-01
Download  ICS673-01 Click to download

File Size   73.87 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL Building Block

ICS673-01 Datasheet (HTML) - Integrated Circuit Systems


ICS673-01 Product details

Description
The ICS673-01 is a low cost, high performance  Phase Locked Loop (PLL) designed for clock  synthesis and synchronization.  Included on the  chip are the phase detector, charge pump, Voltage  Controlled Oscillator (VCO), and two output  buffers. One output buffer is a divide by two of  the other. Through the use of external reference  and VCO dividers (easily implemented with the  ICS674-01), the user can easily customize the  clock to lock to a wide variety of input frequencies. Included on the ICS673-01 are an Output Enable   function that puts both outputs into a high-impedance state, as well as a Power Down feature  that turns off the entire device.

Features
• Packaged in 16 pin narrow SOIC
• Access to VCO input and feedback paths of PLL
• VCO operating range up to 135 MHz (5V)
• Able to lock MHz range outputs to kHz range
   inputs through use of external dividers
• Output Enable tri-states outputs
• Low skew output clocks
• Power Down turns off chip
• VCO predivide of 1 or 4
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• +3.3 V ±5% or +5 V ±10% operating voltage
• Industrial Temperature range available
• With the ICS674-01, forms a complete PLL




Similar Part No. - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS673-01 RENESAS-ICS673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results


Similar Description - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
INTERGRATING A/D ANALOG BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
WIDEBAND RMS DC CONVERTER BUILDING BLOCK
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com