Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet (PDF) - Renesas Technology Corp

ICS673-01 Datasheet PDF - Renesas Technology Corp
Part # ICS673-01
Download  ICS673-01 Download
File Size   89.16 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL BUILDING BLOCK

ICS673-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS673-01 Datasheet PDF - Renesas Technology Corp

Part # ICS673-01
Download  ICS673-01 Click to download

File Size   89.16 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL BUILDING BLOCK

ICS673-01 Datasheet (HTML) - Renesas Technology Corp


ICS673-01 Product details

Description
The ICS673-01 is a low cost, high performance Phase
Locked Loop (PLL) designed for clock synthesis and
synchronization. Included on the chip are the phase
detector, charge pump, Voltage Controlled Oscillator
(VCO), and two output buffers. One output buffer is a
divide by two of the other. Through the use of external
reference and VCO dividers (the ICS674-01), the user
can customize the clock to lock to a wide variety of
input frequencies.
The ICS673-01 also has an output enable function that
puts both outputs into a high-impedance state. The
chip also has a power down feature which turns off the
entire device.
For applications that require low jitter or jitter
attenuation, see the MK2069. For a smaller package,
see the ICS663

Features
• Packaged in 16 pin SOIC (Pb-free, ROHS compliant)
• Access to VCO input and feedback paths of PLL
• VCO operating range up to 120 MHz (5V)
• Able to lock MHz range outputs to kHz range inputs
through the use of external dividers
• Output Enable tri-states outputs
• Low skew output clocks
• Power Down turns off chip
• VCO predivide to feedback divider of 1 or 4
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Single supply +3.3 V or +5 V ±10% operating voltage
• Industrial temperature range available
• Forms a complete PLL, using the ICS674-01
• For better jitter performance, please use the MK1575




Similar Part No. - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
More results


Similar Description - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
INTERGRATING A/D ANALOG BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
WIDEBAND RMS DC CONVERTER BUILDING BLOCK
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com