Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS673-01
MDS 673-01 L
1
Revision 051310
www.id t.com
PLL BUILDING BLOCK
Description
The ICS673-01 is a low cost, high performance Phase
Locked Loop (PLL) designed for clock synthesis and
synchronization. Included on the chip are the phase
detector, charge pump, Voltage Controlled Oscillator
(VCO), and two output buffers. One output buffer is a
divide by two of the other. Through the use of external
reference and VCO dividers (the ICS674-01), the user
can customize the clock to lock to a wide variety of
input frequencies.
The ICS673-01 also has an output enable function that
puts both outputs into a high-impedance state. The
chip also has a power down feature which turns off the
entire device.
For applications that require low jitter or jitter
attenuation, see the MK2069. For a smaller package,
see the ICS663.
Features
• Packaged in 16 pin SOIC (Pb-free, ROHS compliant)
• Access to VCO input and feedback paths of PLL
• VCO operating range up to 120 MHz (5V)
• Able to lock MHz range outputs to kHz range inputs
through the use of external dividers
• Output Enable tri-states outputs
• Low skew output clocks
• Power Down turns off chip
• VCO predivide to feedback divider of 1 or 4
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Single supply +3.3 V or +5 V ±10% operating voltage
• Industrial temperature range available
• Forms a complete PLL, using the ICS674-01
• For better jitter performance, please use the MK1575
Block Diagram
REFIN
Phase/
Frequency
Detector
VCO
4
2
SEL
VCOIN
CHCP
UP
FBIN
DOWN
I
cp
I
cp
CLK2
VDD
MUX
1
0
External Feedback Divider
(such as the ICS674-01)
Clock Input
CAP
PD
(entire chip)
VDD
2
3
GND
CLK1
OE (both
outputs)
2


Similar Part No. - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
More results

Similar Description - ICS673-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
INTERGRATING A/D ANALOG BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
WIDEBAND RMS DC CONVERTER BUILDING BLOCK
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com