Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL BUILDING BLOCK
MDS 673-01 L
3
Revision 051310
www.idt.com
ICS673-01
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS673-01. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3V ±5% or 5.0V ±10%, Ambient temperature -40 to +85
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
° C
Industrial Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
5.50
V
Logic Input High Voltage
VIH
REFIN, FBIN,
SEL
2V
Logic Input Low Voltage
VIL
REFIN, FBIN,
SEL
0.8
V
LF Input Voltage Range
VI
0VDD
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage, CMOS
level
VOH
IOH = -8 mA
VDD-0.4
Operating Supply Current
IDD
VDD = 5.0 V,
No load, 40 MHz
15
mA
Short Circuit Current
IOS
CLK
±100
mA
Input Capacitance
CI
SEL
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com