Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 7 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL BUILDING BLOCK
MDS 673-01 L
7
Revision 051310
www.idt.com
ICS673-01
Determining the Loop Filter Values
The loop filter components consist of CS, CP, and RS.
Calculating these values is best illustrated by an
example. Using the example in Figure 1, we can
synthesize 20 MHz from a 200 kHz input.
The phase locked loop may be approximately
described by the following equations:
Bandwidth
Damping factor,
where:
KO = VCO gain (Hz/V)
Icp = Charge pump current (A)
N = Total feedback divide from VCO,
including the internal VCO post divider
CS = Loop filter capacitor (Farads)
RS = Loop filter resistor (Ohms)
As a general rule, the bandwidth should be at least 20
times less than the reference frequency, i.e.,
In this example, using the above equation, bandwidth
should be less than or equal to 10 kHz. By setting the
bandwith to 10kHz and using the first equation, RS can
be determined since all other variables are known. In
the example of Figure 1, N = 200, comprising the divide
by 2 on the chip (VCO post divider) and the external
divide by 100. Therefore, the bandwidth equation
becomes:
and RS = 26 kΩ
Choosing a damping factor of 0.7 (a minimal damping
factor than can be used to ensure fast lock time),
damping factor equation becomes:
and CS = 1.32 nF (1.2 nF is the nearest standard
value).
The capacitor CP is used to damp transients from the
charge pump and should be approximately 1/20th the
size of CS, i.e.,
Therefore, CP = 60 pF (56 pF nearest standard value).
To summarize, the loop filter components are:
CS = 1.2 nf
CP = 56 pf
RS = 26 kΩ
When choosing either CLK1 or CLK2 to drive the
feedback divider, IDT recommends that CLK2 be used
so that the rising edges of CLK1, CLK2, and REFIN are
all synchronized. If CLK1 is used to feedback, CLK2
may be either a rising or falling edge when compared to
CLK1 and REFIN.
NBW
R
S
K
O
I
CP
⋅⋅
2
πN
--------------------------------
=
ζ
R
S
2
------
K
O
I
CP
C
S
⋅⋅
N
-----------------------------------
=
BW
REFIN
() 20
⁄
≤
0,000
R
S
190
10
6
2.5
10
–
⋅⋅
⋅
⋅
2
π
200
⋅
--------------------------------------------------------------------
=
0.7
25 000
,
2
----------------
190
10
6
2.5
10
6
–
C
S
⋅⋅
⋅
⋅
200
--------------------------------------------------------------------------
=
C
P
C
S
20
⁄
≅



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com